Electronic Components Datasheet Search
  English  ▼

X  

TLK1521 Datasheet(PDF) 15 Page - Texas Instruments

Part # TLK1521
Description  500 Mbps to 1.3 Gbps TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK1521 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLK1521 Datasheet HTML 11Page - Texas Instruments TLK1521 Datasheet HTML 12Page - Texas Instruments TLK1521 Datasheet HTML 13Page - Texas Instruments TLK1521 Datasheet HTML 14Page - Texas Instruments TLK1521 Datasheet HTML 15Page - Texas Instruments TLK1521 Datasheet HTML 16Page - Texas Instruments TLK1521 Datasheet HTML 17Page - Texas Instruments TLK1521 Datasheet HTML 18Page - Texas Instruments TLK1521 Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
TLK1521
500 Mbps to 1.3 Gbps TRANSCEIVER
SLLS591A− OCTOBER 2003 − REVISED JANUARY 2004
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RXD6
GND
RXD7
RX_CLK
RXD8
RXD9
VDD
RXD10
RXD11
RXD12
RXD13
GND
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TXD3
TXD4
TXD5
GND
TXD6
TXD7
GTX_CLK
VDD
TXD8
TXD9
TXD10
GND
TXD11
TXD12
TXD13
63 62 61 60 59
64
58
56 55 54
57
53 52 51 50 49
0.01
µF
5
Ω at 100 MHz
0.01
µF
0.01
µF
VDD
0.01
µF
Recommended use of 0.01-
µF
capacitor per VDD terminal
VDD
VDD
RXD3
RXD4
RXD5
0.01
µF
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Figure 10. External Component Interconnection
ORDERING INFORMATION
Orderable
TLK1521
TLK1521IPAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com