Electronic Components Datasheet Search
  English  ▼

X  

M52340SP Datasheet(PDF) 24 Page - Mitsubishi Electric Semiconductor

Part # M52340SP
Description  PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52340SP Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Back Button M52340SP Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52340SP
MITSUBISHI ICs (TV)
DTR2 D. trap attenuation 2
1. Input SS4P to VI IN.
2. Measure the output amplitude of the element of 4.43MHz
when D. trap switch is on. (DTRon)
3. DTR2 is defined as follows.
DTR2 = 20 log
Note: In parameters Y5, Y6, Y8 and Y9, limits are defined based on
the maximum attenuation by comparing each one.
DTRon (mVP-P)
P0 (mVP-P)
(dB)
YDL1 YDL value 1
1. Input SGA to VI IN.
2. Measure the delay time from signal input to output at pins
21, 22 and 23.
M
SGA
Output signal
Measure the delay time at the center point of rise.
YDL2, 3 and 4 YDL value 2, 3 and 4.
1. Input SGA to VI IN.
2. Measure the delay time from signal output at pins 21, 22
and 23 to YDL1.
GTnor Video tone 1
1. Input SGB (f=3MHz) to VI IN.
2. Measure output amplitude at pins 21, 22 and 23.
GTmax Video tone 2
1. Input SGB (f=3MHz) to VI IN.
2. Measure output amplitude at pins 21, 22 and 23.
3. GTmax is defined as follows:
GTmax = 20 log
Measured value (VP-P)
GTnor (VP-P)
(dB)
GTmin Video tone 3
1. Input SGB (f=3MHz) to VI IN.
2. Measure output amplitude at pins 21, 22 and 23.
3. GTmin is defined as follows:
GTmin = 20 log
Measured value (VP-P)
GTnor (VP-P)
(dB)
GT2M Video tone 4
1. Input SGB (f=2MHz) to VI IN.
2. Measure output amplitude at pins 21, 22 and 23.
3. GT2M is defined as follows:
GT2M = 20 log
Measured value (VP-P)
GTnor (VP-P)
(dB)
GT5M Video tone 5
1. Input SGB (f=5MHz) to VI IN.
2. Measure output amplitude at pins 21, 22 and 23.
3. GT5M is defined as follows:
GT5M = 20 log
Measured value (VP-P)
GTnor (VP-P)
(dB)
GYnor Contrast characteristics 1
1. Input SGB (f=100KHz) to VI IN.
2. Measure output amplitude at pins 21, 22 and 23.
GYmin Contrast characteristics 2
1. Input SGB (f=100KHz) to VI IN.
2. Measure output amplitude at pins 21, 22 and 23.
3. GYmin is defined as follows:
GYmin = 20 log
Measured value (VP-P)
GYnor (VP-P)
(dB)
Lum nor Brightness control characteristics 1
Lum max Brightness control characteristics 2
Lum min Brightness control characteristics 3
1. No signal is input. (Only SG50 is input to SY IN.)
2. Measure DC voltage of output at pins 21, 22 and 23
except that at blanking part.
M
GND
Output waveform
D(R) Drive control characteristics R
1. Input SGA to VI IN.
2. Measure DRmin and DRmax which are output amplitude
at pin 21 at D(R) data min and D(R) data max
respectively.
3. D(R) is defined as follows:
D(R) = 20 log
DRmax(VP-P)
DRmin (VP-P)
(dB)
D(B) Drive control characteristics B
1. Input SGA to VI IN.
2. Measure DBmin and DBmax which are output amplitude
at pin 23 at D(B) data min and D(B) data max
respectively.
3. D(B) is defined as follows:
D(B) = 20 log
DBmax(VP-P)
DBmin (VP-P)
(dB)
EXR EXT(R) I/O characteristics
EXG EXT(G) I/O characteristics
EXB EXT(B) I/O characteristics
1. Input SGD to FB, ER, EG and EB.
2. Measure output amplitude which is higher than the
pedestal level at pins 21, 22 and 23. The amplitude at
blanking part should not be measured.
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com