Electronic Components Datasheet Search
  English  ▼

X  

M52340SP Datasheet(PDF) 29 Page - Mitsubishi Electric Semiconductor

Part # M52340SP
Description  PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52340SP Datasheet(HTML) 29 Page - Mitsubishi Electric Semiconductor

Back Button M52340SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 33Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52340SP
MITSUBISHI ICs (TV)
VIDEO/INTERFACE
SG. No.
SG. A
Input signal (Value at pin terminal is 50
Ω)
PAL system
PAL system APL 100% standard video signal should be
input as sync separation input as shown in the figure.
The vertical signal should be interlaced at 50Hz.
5
µs
2
µs7µs
1VP-P
0.714VP-P
0.286VP-P
SG. B
The frequency and amplitude of signal Lumi can be
changed by signal SGA.
The typical amplitude is 0.714mVP-P.
5
µs
2
µs7µs
SG. C
Level:variable
4
µs
20
µ
Sync
20
µ
24
µ
0.7V
0V
SG. D
f = 100kHz
0.5V
Level:variable
typ = 0.3VP-P
H = 15.625KHz, V = 50Hz
SG. E
SG. 50
Standard PAL SYNC
5
µs
1VP-P 0.714VP-P
0.286VP-P
f = 3.58MHz
63.5
µs
Level:variable
typ = 0.3VP-P
H = 15.734KHz, V = 60Hz
Standard NTSC SYNC
NTSC system
SG. F
SG. 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com