Electronic Components Datasheet Search
  English  ▼

X  

M52340SP Datasheet(PDF) 25 Page - Mitsubishi Electric Semiconductor

Part # M52340SP
Description  PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52340SP Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Back Button M52340SP Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52340SP
MITSUBISHI ICs (TV)
OFRG Offset voltage between R and G
OFBG Offset voltage between B and G
1. Measure DC voltage of output at pins 21,22 and 23
except that at blanking part.
2. OFRG and OFBG are defines as follows:
OFRG =
(pin 21 Measured voltege)-(pin 22. Measured voltege) (mV)
OFBG =
(pin 23 Measured voltege)-(pin 22 Measured voltege) (mV)
R(C) R cutoff characteristics
G(C) G cutoff characteristics
B(C) B cutoff characteristics
1. Measure DC voltage of output at pins 21,22 and 23 when
R(C), G(C) and B(C) data are maximum and minimum
respectively. The DC voltage at blanking part should be
measured.
2. R(C), G(C) and B(C) are defined as follows:
R(C), G(C), and B(C) =
(Voltage at data max.) - (Voltage at data min.) (V)
DLF DL fine delay
1. Input SGA to VI IN.
2. Measure the time lag (absolute value) between signal
YDL4 and output signal at pins 21,22 and 23.
M
Y14
YDL4 signal
Output signal
Measure the time lag at the center point of rise.
Ccon1 Color control characteristics 1
1. Input SGE to -R IN (pin 45).
2. Measure output amplitude at pins 21,22 and 23 under
each condition.
Ccon2 Color control characteristics 2
1. Input SGF to VI IN.
2. Measure output amplitude of the element of 4.43MHz
when the mute switch is on and off. (VMFon, VMFoff)
3. VMF is defined as follows:
VMF = 20 log
VMF Video mute characteristics
TRFon (VP-P)
TRFoff (VP-P)
(dB)
1. Input SGE to -B IN (pin 44).
2. Measure output amplitude at pins 22 and 23.
(P23 = MTXB, P22 = MTXG)
MTXB Matrix characteristics 1
MTXG Matrix characteristics 2
1. Input SGE to -R IN (pin 45).
2. Measure output amplitude at pins 21 and 22.
(P21 = MTXR, P22 = MTXG1)
MTXR Matrix characteristics 3
MTXG1 Matrix characteristics 4
1. Input SGD to FB, ER, EG and EB.
2. Measure rise time and fall time of the signal of output at
pins 21,22 and 23. Measurement points should be higher
than the pedestal level and blanking part should not be
measured.
OSD1 OSD speed characteristics 1
OSD2 OSD speed characteristics 2
M
M
OSD1
OSD2
10%
90%
Output waveform at
pins 21,22 and 23.
1. Input SGA to VI IN.
2. Measure output amplitude at pins 21,22 and 23 when
2.9V and 0V are externally applied to pin 26.
GYmax1 Contrast control characteristics 3
GYmin1 Contrast control characteristics 4
Make current flow out from pin 40 and measure the flow
current when the burst gate pulse is not found at pin 12.
ISS Sync separation input sensitivity current
BGP2 BGP timing 2
BGPW BGP pulse width
BGP1 BGP timing 1
BGP1,BGP2
BGPW
P40 SYNC
P12 SCP
Measure the output frequency at pin 13 when no signal is
input.
FH Horizontal free run frequency
FPH1 Horizontal pull-in range 1
FPH2 Horizontal pull-in range 2
Change the frequency of SGc and measure the frequency at
the moment when the output signal at pin 13 and the input
signal at pin 40 are pulled in. The horizontal pull-in range is
measured by comparing with the horizontal free run
frequency.
HPT2 Horizontal pulse timing 2
HPT3 Horizontal pulse timing 3
HPT1 Horizontal pulse timing 1
HPT1, HPT2, HPT3
P40 SYNC
P13 H OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com