Electronic Components Datasheet Search
  English  ▼

X  

M52340SP Datasheet(PDF) 28 Page - Mitsubishi Electric Semiconductor

Part # M52340SP
Description  PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52340SP Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Back Button M52340SP Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 31Page - Mitsubishi Electric Semiconductor M52340SP Datasheet HTML 32Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
PAL/NTSC SYSTEM SHINGLE-CHIP COLOR TV SIGNAL PROCESSOR
M52340SP
MITSUBISHI ICs (TV)
INPUT SIGNAL PARAMETERS INCLUDING INPUT SIGNALS
1. Input signal name is four alphanumeric characters.
Ex.)
S S 4 P
Standard Signal 4.43MHz PAL system
Fourth character
Third character
Second character
First character
First character:
Standard=S, Nonstandard=V (Modified parts should be specified.)
Second character:
Meaning of signal
Third character:
Frequency of burst and chroma
4(4.433619MHz), 3(3.579545MHz) (In case of "S", SECAM standard signal is applied.)
Fourth character:
Color system
N(NTSC), P(PAL)
2. Structure of input color signal
The following figure shows the structure of color signal.
ec
eb
eb(n)
ec(n)
eb(n+1)
ec(n+1)
H.sync
500mVP-P
1. When S (standard) is used as the first character, the standard color bar signal of each system is
applied. H.sync should be added for input clamp. (The frequency of H.sync is fixed according to the
fourth character. P:50Hz, N:60Hz)
2. Amplitude and frequency of burst are represented as eb. In case of standard signal, the amplitude is
285mVP-P and the frequency is shown by the third character.
3. Amplitude and frequency of chroma are represented as ec. In case of standard signal, the amplitude
is 570mVP-P and the frequency is shown by the third character.
4. The following figure shows the phase of a PAL system signal.
ec(n)
ec(n+1)
eb(n+1)
eb(n)
R-Y
B-Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com