Electronic Components Datasheet Search
  English  ▼

X  

ML9484 Datasheet(PDF) 9 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9484
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9484 Datasheet(HTML) 9 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9484 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
FEDL9484-01
ML9484
9/29
PIN DESCRIPTIONS
Pad
number
Symbol
I/O
Description
1 to 50
SEG1 to
SEG50
O
Outputs for LCD display. Connected to the segment pins on the LCD panel.
In the display off mode, all the outputs are fixed to GND.
51 to 54
COM1 to
COM4
O
Outputs for LCD display. Connected to the common pins on the LCD panel.
In the display off mode, all the outputs are fixed to GND.
55
VLCD
-
Power supply pin for LCD driver.
56
VDD
-
Power supply pin for logic circuit.
57
OSC I/E
I
This input selects whether to use the external clock input mode or to use the
Internal oscillation mode. It has a schmitt circuit.
When this pin is "H", the mode is the Internal Rf oscillation mode.
When this pin is "L", the mode is the external clock input mode.
58
TEST
I
IC test pin. Has a pull-down resistor built-in.
Use it as it is connected to GND.
59
GND
-
Ground pin.
60
OSC
I
Pin for oscillation. Has a Schmitt circuit built-in.
Internal Rf oscillation mode: Set the OSCI/E pin to "H", open the OSC pin.
External clock input mode: Set the OSCI/E pin to "L", input the external clock
to the OSC pin.
61
RESETB
I
Reset signal input pin for initializing inside the IC. It has a schmitt circuit.
The "L" level enables the reset. This pin has an Internal pull-up resistor.
The power-on reset operation is available by connecting an external
capacitor.
*1
62
LOAD
I
Input pin for the load signal of display data.
It has a schmitt circuit.
The display data in the shift register is transmitted as is to the segment driver
for the "H" duration. When this pin is brought into "L", the shift register is
disconnected from the segment driver. The display data in the shift register
immediately before it become "L" is held in the data latch and transmitted to
the segment driver.
63
CLOCK
I
Shift clock input pin for display data. It has a schmitt circuit.
The display data input to the DATA pin is serially input to the shift register at
the CLOCK signal rise.
64
DATA
I
Display data input pin. It has a schmitt circuit.
Input the display data in the order of SEG50, SEG49, ... , SEG2, and SEG1.
The display data turns on at "H" and turns off at "L".
*1: Reset circuit configuration
RESETB
VDD
CRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com