Electronic Components Datasheet Search
  English  ▼

X  

ML9484 Datasheet(PDF) 11 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9484
Description  Static, 1/2 Duty, 1/3 Duty, 1/4 Duty 50 Outputs LCD Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9484 Datasheet(HTML) 11 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9484 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9484 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
FEDL9484-01
ML9484
11/29
List of Commands
Command
name
C5
C4
C3
C2
C1
C0
Operation
F0
0
0
0
x
x
x
Disabled
F1
0
0
1
Co1
Co0
x
Data write address setting
(Co1,Co0)=(0, 0): Corresponding to common 1
(Co1,Co0)=(0, 1): Corresponding to common 2
(Co1,Co0)=(1, 0): Corresponding to common 3
(Co1,Co0)=(1, 1): Corresponding to common 4
F2
0
1
0
F2
(0)
F1
(0)
F0
(0)
Frame frequency setting
(F2, F1, F0)=(0, 0, 0): 65Hz
(F2, F1, F0)=(0, 0, 1): 75Hz
(F2, F1, F0)=(0, 1, 0): 85Hz
(F2, F1, F0)=(0, 1, 1): 95Hz
(F2, F1, F0)=(1, 0, 0): 130Hz
(F2, F1, F0)=(1, 0, 1): 150Hz
(F2, F1, F0)=(1, 1, 0): 170Hz
(F2, F1, F0)=(1, 1, 1): 190Hz
(valid for Internal CR oscillation)
F3
0
1
1
BIAS
(0)
WSEL
(0)
x
LCD Bias setting
BIAS="0" : 1/3-bias
BIAS="1" : 1/2-bias
LCD Driving Waveform setting
WSEL="0" : A-Waveform
WSEL="1" : B-Waveform
F4
1
0
0
D1
(0)
D0
(0)
x
Display Duty setting
(D1, D0)=(0, 0): Static
(COM1=COM2=COM3=COM4)
(D1, D0)=(0, 1): 1/2-duty
(COM1=COM3, COM2=COM4)
(D1, D0)=(1, 0): 1/3-duty
(COM2=COM4)
(D1, D0)=(1, 1): 1/4-duty
F5
1
0
1
DSP
(0)
x
x
Display on/off setting
DSP="0" : Off (COM=SEG=GND)
DSP="1" : On
F6
1
1
0
x
x
x
Disabled
F7
1
1
1
x
x
x
Disabled
x: Don't care
( ): Reset Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com