Electronic Components Datasheet Search
  English  ▼

X  

CHIPI-X10 Datasheet(PDF) 4 Page - Future Technology Devices International Ltd.

Part # CHIPI-X10
Description  Chipi-X Cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CHIPI-X10 Datasheet(HTML) 4 Page - Future Technology Devices International Ltd.

  CHIPI-X10 Datasheet HTML 1Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 2Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 3Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 4Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 5Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 6Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 7Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 8Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Copyright © Future Technology Devices International Limited
Chipi-X Cable Datasheet
Version 1.1
Document Reference No.: FT_000634
Clearance No.: FTDI# 288
4
Functional Description
4.1
Block Diagram
FTDI
’s FT231X
USB Serial
Bridge
FTDI’s FT3243S
RS232
Level Shifter
USB A
plug and
tethered
cable
DB9
Connector
USB Data
TTL Level
UART Data
RS232 Level
UART Data
Chipi-X
PC’s USB Port /
USB Host /
USB Hub
RS232
Application’s
Female DB9
Connector / DB9
Gender Changer /
DB9 Cable
Figure 4.1 – Chipi-X Block Diagram
4.2
Electrical Details
Parameter
Description
Minimum
Typical
Maximum
Units
Conditions
Vtrans
Transmitter output voltage
swing
+/- 5
+/- 6.5
+/- 15
V
Vrec
Receiver input voltage
range
-25
+25
V
Table 4.1 – Chipi-X I/O Characteristics
Description
Conditions
Minimum
Typical
Maximum
ESD HBM
RS-232 Inputs and Outputs
±15 kV
EN61000-4-2ContactDischarge
RS-232 Inputs and Outputs
±8 kV
EN61000-4-2AirGapDischarge
RS-232 Inputs and Outputs
±15 kV
Table 4.2 – Chipi-X ESD Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com