Electronic Components Datasheet Search
  English  ▼

X  

CHIPI-X10 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # CHIPI-X10
Description  Chipi-X Cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CHIPI-X10 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  CHIPI-X10 Datasheet HTML 1Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 2Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 3Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 4Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 5Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 6Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 7Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 8Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright © Future Technology Devices International Limited
Chipi-X Cable Datasheet
Version 1.1
Document Reference No.: FT_000634
Clearance No.: FTDI# 288
Future Technology
Devices International
Ltd
Datasheet
Chipi-X Cable
Chipi-X is a USB to full-handshake RS232 cable with a male DB9 connector. This cable is
available with or without an enclosure.
1
Introduction
The Chipi-X cable is a USB to RS232 level full-handshake UART cable. Chipi-X utilises FTDI’s
FT231XS USB to full-handshake UART IC and FT3243S RS232 transceiver IC. A male DB9 (aka
DE9) connector provides the connectivity for RS232 communications and a USB-A plug tethered
by a 10cm cable to the PCB provides connectivity for USB communications.
All components used are Pb-free (RoHS compliant).
1.1
Features
Entire USB protocol handled on the
FT231XS chip
FTDI’s royalty-free VCP and D2XX drivers
eliminate the requirement for USB driver
development in most cases
UART interface support for 7 or 8 data
bits, 1 or 2 stop bits and odd / even /
mark / space / no parity.
Fully assisted hardware or X-On / X-Off
software handshaking.
Data transfer rates from 300 baud to 250
kilo-baud at RS232 voltage levels.
512 byte receive buffer and 512 byte
transmit buffer utilising buffer smoothing
technology to allow for high data
throughput
Adjustable receive buffer timeout.
ESD protection on RS232 I/Os exceeding
±15kV IEC1000-4-2 Air Gap Discharge,
±15kV for Human Body Mode (HBM) and
±8kV IEC1000-4-2 Contact Discharge.
ESD protection on USB lines exceeding ±2kV
for Human Body Mode (HBM), ±200V for
Machine Mode (MM) and ±500V for Charged
Device Mode (CDM).
Integrated MTP-ROM for storing USB VID,
PID, serial number and product description
strings.
Low operating and USB suspend current.
Low USB bandwidth consumption.
USB 2.0 Full Speed compatible.
-40°C to 85°C extended operating
temperature range.
Latch-up Free


Similar Part No. - CHIPI-X10

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CHIP-1310-P5 ROITHNER-CHIP-1310-P5 Datasheet
62Kb / 2P
Laser Diode Bare Chip
CHIP-650-P5 ROITHNER-CHIP-650-P5 Datasheet
256Kb / 3P
Laser Diode Bare Chip
CHIP-980-P50 ROITHNER-CHIP-980-P50 Datasheet
150Kb / 2P
Laser Diode Bare Chip
logo
Amphenol Corporation
CHIPCAP2 AMPHENOL-CHIPCAP2 Datasheet
222Kb / 4P
Fully Calibrated & Temperature Compensated
logo
Littelfuse
CHIPSESD LITTELFUSE-CHIPSESD Datasheet
829Kb / 6P
ChipSESD family of Silicon ESD devices
More results

Similar Description - CHIPI-X10

ManufacturerPart #DatasheetDescription
logo
Bud Industries, Inc.
CM-2201 BUD-CM-2201 Datasheet
54Kb / 1P
CABLE MANAGEMENT PANEL 1U x 19"||" "350922
CDSUW-C Series
logo
Hirose Electric
ZX40-B-5S-1000-STDA HIROSE-ZX40-B-5S-1000-STDA Datasheet
47Kb / 1P
USB CABLE USB2.0 1P x AWG28 2C x AWG28
logo
AAEON Technology
TF-PER-M05 AAEON-TF-PER-M05 Datasheet
554Kb / 1P
1.57??(H) x 2.56??(W) x 4.65??(D) (40mm x 65mm x 118mm) (USB cable
logo
Bel Fuse Inc.
BM-MARM003F BEL-BM-MARM003F Datasheet
393Kb / 2P
M12 X-Code Cable Assemblies
logo
Schneider Electric
VW3CANCARR1 SCHNEIDER-VW3CANCARR1 Datasheet
70Kb / 2P
CANopen cable - 2 x RJ45 - cable 1 m
Sep 18, 2021
AR8172BLK SCHNEIDER-AR8172BLK Datasheet
84Kb / 2P
APC NetShelter Cable Management, Data Cable Partition, Black, 747 x 122 x 72 mm
Oct 17, 2021
VW3CANCARR03 SCHNEIDER-VW3CANCARR03 Datasheet
70Kb / 2P
CANopen cable - 2 x RJ45 - cable 0.3 m
Jan 21, 2022
TSECL2MEM2S2 SCHNEIDER-TSECL2MEM2S2 Datasheet
101Kb / 1P
Modicon ETB - Ethernet cable, 2 x M12
Apr 12, 2022
TCSCCN4F3M1T SCHNEIDER-TCSCCN4F3M1T Datasheet
85Kb / 2P
CANopen cable - 1 x RJ45 - cable 1 m
May 2, 2022
TCSCCN4F3M3T SCHNEIDER-TCSCCN4F3M3T Datasheet
85Kb / 2P
CANopen cable - 1 x RJ45 - cable 3 m
May 2, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com