Electronic Components Datasheet Search
  English  ▼

X  

CHIPI-X10 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # CHIPI-X10
Description  Chipi-X Cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CHIPI-X10 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  CHIPI-X10 Datasheet HTML 1Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 2Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 3Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 4Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 5Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 6Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 7Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 8Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Copyright © Future Technology Devices International Limited
Chipi-X Cable Datasheet
Version 1.1
Document Reference No.: FT_000634
Clearance No.: FTDI# 288
5
Chipi-X Signals and Pin Out
5.1
RS232 Signals
Figure 5.1 – Chipi-X DB9 Pin Out
DB9 pin No.
Name
Type
Description
1
DCD
Input
Data Carrier Detect control input.
2
RXD
Input
Receive Asynchronous Data input.
3
TXD
Output
Transmit Asynchronous Data output.
4
DTR
Output
Handshake signal: Data Terminal Ready control output.
5
GND
Ground
Device ground supply pin
6
DSR
Input
Handshake signal: Data Set Ready control input
7
RTS
Output
Handshake signal: Request To Send Control Output
8
CTS
Input
Handshake signal: Clear to Send Control input
9
RI
Input
Ring Indicator control input. When remote wakeup is enabled in
the FT231XS’s internal MTP-ROM taking RI# low can be used to
resume the PC USB host controller from suspend.
Table 5.1 – Chipi-X RS232 Signals
5.2
USB Signals
Wire Colour.
Name
Type
Description
Red
VBUS
Power
5V power.
White
DM
Signal
USB data.
Green
DP
Signal
USB data.
Black
GND
Ground
Ground.
Black
(longer wire)
Shield
Shield
Cable shield
Table 5.2 – Chipi-X USB Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com