Electronic Components Datasheet Search
  English  ▼

X  

CHIPI-X10 Datasheet(PDF) 8 Page - Future Technology Devices International Ltd.

Part # CHIPI-X10
Description  Chipi-X Cable
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CHIPI-X10 Datasheet(HTML) 8 Page - Future Technology Devices International Ltd.

Back Button CHIPI-X10 Datasheet HTML 3Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 4Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 5Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 6Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 7Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 8Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 9Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 10Page - Future Technology Devices International Ltd. CHIPI-X10 Datasheet HTML 11Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Copyright © Future Technology Devices International Limited
Chipi-X Cable Datasheet
Version 1.1
Document Reference No.: FT_000634
Clearance No.: FTDI# 288
8
Internal MTP ROM Configuration
Following a power-on reset or a USB reset the FT231X will scan its internal MTP ROM and read the USB
configuration descriptors stored there. The default values programmed into the internal MTP ROM in the
FT231XS used on the Chipi-X are shown in Table 8.1.
Parameter
Value
Notes
USB Vendor ID (VID)
0403h
FTDI default VID (hex)
USB Product UD (PID)
6015h
FTDI default PID (hex)
Serial Number Enabled?
Yes
Serial Number
See Note
A unique serial number is generated and programmed into
the MTP ROM during final test of the UM232R module.
Pull down I/O Pins in USB
Suspend
Disabled
Enabling this option will make the device pull down on the
UART interface lines when the power is shut off (PWREN#
is high).
Manufacturer Name
FTDI
Product Description
Chipi-X
Max Bus Power Current
90mA
Power Source
Bus Powered
Device Type
FT231X
USB Version
0200
Returns USB 2.0 device description to the host. Note: The
device is a USB 2.0 Full Speed device (12Mb/s) as opposed
to a USB 2.0 High Speed device (480Mb/s).
Remote Wake Up
Enabled
Taking RI# low will wake up the USB host controller from
suspend.
High Current I/Os
Disabled
Enables the high drive level on the UART and CBUS I/O
pins.
Load VCP Driver
Enabled
Makes the device load the VCP driver interface for the
device.
CBUS0
Tristate
CBUS1
Tristate
CBUS2
Tristate
CBUS3
SLEEP#
Invert UART
Disabled
Signal on this pin becomes TXD# if enable.
Table 8.1 – Default Internal MTP ROM Configuration
The internal MTP ROM in the FT231X can be programmed over USB using the utility program FT_PROG.
FT_PROG can be downloaded from www.ftdichip.com. Users who do not have their own USB vendor ID
but who would like to use a unique Product ID in their design can apply to FTDI for a free block of unique
PIDs. Contact FTDI Support (support1@ftdichip.com) for this service, also see TN_100 and TN_101.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com