Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9703 Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM9703
Description  Sound Synthesis
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9703 Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM9703 Datasheet HTML 4Page - ATMEL Corporation ATSAM9703 Datasheet HTML 5Page - ATMEL Corporation ATSAM9703 Datasheet HTML 6Page - ATMEL Corporation ATSAM9703 Datasheet HTML 7Page - ATMEL Corporation ATSAM9703 Datasheet HTML 8Page - ATMEL Corporation ATSAM9703 Datasheet HTML 9Page - ATMEL Corporation ATSAM9703 Datasheet HTML 10Page - ATMEL Corporation ATSAM9703 Datasheet HTML 11Page - ATMEL Corporation ATSAM9703 Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
ATSAM9703
1710C–DRMSD–12/02
Timings
All timing conditions: TA =25°C, VCC =5V, VC = 3.3V, all Outputs exept X2 and LFT load
capacitance = 30 pF, crystal frequency or external clock at X1 = 9.6 MHz.
External ROM Timing
Figure 4. ROM Read Cycle
External RAM Timing
Figure 5. 16-bit SRAM Read Cycle
WCS0
WA[24:0]
WOE
WD[15:0]
t
CSOE
t
RC
t
POE
t
OE
t
DF
t
ACE
Table 9. Timing Parameters
Symbol
Parameter
Min
Typ
Max
Unit
tRC
Read Cycle Time
130
ns
t
CSOE
Chip Select Low/Address Valid to WOE low
45
80
ns
t
POE
Output Enable Pulse Width
78
ns
t
ACE
Chip Select/Address Access Time
125
ns
tOE
Output Enable Access Time
70
ns
tDF
Chip select or WOE High to Input Data High-Z
0
50
ns
WCS1
WA[24:0]
WWE
WOE
WD[15:0]
t
CSOE
t
RC
t
POE
t
OE
t
DF
t
ACE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com