Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9703 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAM9703
Description  Sound Synthesis
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9703 Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAM9703 Datasheet HTML 1Page - ATMEL Corporation ATSAM9703 Datasheet HTML 2Page - ATMEL Corporation ATSAM9703 Datasheet HTML 3Page - ATMEL Corporation ATSAM9703 Datasheet HTML 4Page - ATMEL Corporation ATSAM9703 Datasheet HTML 5Page - ATMEL Corporation ATSAM9703 Datasheet HTML 6Page - ATMEL Corporation ATSAM9703 Datasheet HTML 7Page - ATMEL Corporation ATSAM9703 Datasheet HTML 8Page - ATMEL Corporation ATSAM9703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
ATSAM9703
1710C–DRMSD–12/02
Table 5. Miscellaneous Group
Pin Name
Pin Number
Type
Function
X1
X2
12, 11
–
9.6 MHz crystal connection. An external 9.6 MHz clock can also be used on
X1 (3.3V input). X2 cannot be used to drive external circuits.
LFT
10
–
PLL external RC network.
RESET
13
IN
Reset input, active low. This is a Schmidt trigger input, allowing direct
connection of an RC network.
PDWN
14
IN
Power down, active low. When power down is active, then all Output pins will
be floated. The crystal oscillator will be stopped. To exit from power down,
PDWN should be high and RESET applied.
TEST[2:0]
43, 44, 45
IN
Test pins. Should be grounded.
P[3:0]
39, 40, 41, 42
I/O
General-purpose I/O pins. As inputs, can be used to configure the software.
P1 to P3 can also be used as three additional stereo serial inputs (six audio
channels).
RUN
18
OUT
When high, indicates that the synthesizer is up and running. May be used as
a RESET input for an external DAC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com