Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9703 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAM9703
Description  Sound Synthesis
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9703 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAM9703 Datasheet HTML 1Page - ATMEL Corporation ATSAM9703 Datasheet HTML 2Page - ATMEL Corporation ATSAM9703 Datasheet HTML 3Page - ATMEL Corporation ATSAM9703 Datasheet HTML 4Page - ATMEL Corporation ATSAM9703 Datasheet HTML 5Page - ATMEL Corporation ATSAM9703 Datasheet HTML 6Page - ATMEL Corporation ATSAM9703 Datasheet HTML 7Page - ATMEL Corporation ATSAM9703 Datasheet HTML 8Page - ATMEL Corporation ATSAM9703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
ATSAM9703
1710C–DRMSD–12/02
Pin Description
Pins by Function
Table 1. Power Supply Group
Pin Name
Pin Number
Type
Function
GND
2, 6, 8, 16, 20, 22, 26,
28, 38, 46, 49, 53, 59,
71, 75, 82, 83, 94
PWR
Digital Ground
All pins should be connected to a ground plane.
VCC
1, 7, 15, 21, 27, 37,
48, 52, 58, 70, 74, 81,
95
PWR
Power Supply, 3V to 5.5V
All pins should be connected to a VCC plane.
VC3
9, 19, 24, 77
PWR
Core Power Supply, 3.3V ± 10 %.
All pins should be connected to +3.3V. If 3.3V is not available, then it can be
derived from 5V by two 1N41418 diodes in series.
Table 2. Serial MIDI
Pin Name
Pin Number
Type
Function
MIDI IN
17
IN
Serial TTL MIDI IN. All controls are received by this pin.
Table 3. External ROM/RAM Group
Pin Name
Pin Number
Type
Function
WA[24:0]
47, 50, 51, 54 - 57,
60 - 69, 72, 73, 76,
78 - 80, 84, 85
OUT
External ROM/RAM address for up to 32M words (64 MB) of memory. ROM
memory holds firmware and PCM data. RAM memory holds working
variables and effect delay lines.
WD[15:0]
86 - 93, 96 -100, 3 - 5
I/O
External ROM/RAM data. Holds read data from ROM or RAM when WOE is
low, writedatatoRAM when WWE is low.
WCS0
34
OUT
External ROM chip select, active low.
WCS1
35
OUT
External RAM chip select, active low.
WOE
36
OUT
External ROM/RAM Output enable, active low.
WWE
33
OUT
External RAM write, active low
RBS
25
OUT
RAM byte select. Used as lower address from RAM when 8-bit wide RAM is
connected.
Table 4. Digital Audio Group
Pin Name
Pin Number
Type
Function
CLBD
23
OUT
Digital audio bit clock
WSBD
32
OUT
Digital audio left/right select
DABD0
30
OUT
Digital audio main stereo Output
DABD1
31
OUT
Auxiliary digital stereo Output. Reserved for surround effects.
DAAD
29
IN
Digital audio two channels input. Up to eight channels of audio can be input
to the chip by using pins P1 to P3 alternate function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com