Electronic Components Datasheet Search
  English  ▼

X  

ATSAM9703 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM9703
Description  Sound Synthesis
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM9703 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM9703 Datasheet HTML 1Page - ATMEL Corporation ATSAM9703 Datasheet HTML 2Page - ATMEL Corporation ATSAM9703 Datasheet HTML 3Page - ATMEL Corporation ATSAM9703 Datasheet HTML 4Page - ATMEL Corporation ATSAM9703 Datasheet HTML 5Page - ATMEL Corporation ATSAM9703 Datasheet HTML 6Page - ATMEL Corporation ATSAM9703 Datasheet HTML 7Page - ATMEL Corporation ATSAM9703 Datasheet HTML 8Page - ATMEL Corporation ATSAM9703 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
• All-in-one Design
– MIDI Control Processor
– Synthesis
– Compatible Effects: Reverb and Chorus
– Microphone Echo Processing (Two Channels)
– Programmable Spatial Effect or Four-channel Surround
– 4-band Stereo Equalizer
• High-quality Synthesis
– Maximum 48-voice Polyphony and Reverb/Chorus (34 if all Features on)
– 24 dB Resonant Filter per Voice
– 16-bit Samples
– Alternate Loop
– Internal Computations on 28 Bits
• Crisp MIDI Response: Built-in 16-bit Processor Runs at 38.4 MHz
• High-quality Sound Post-processing
– 13 Delay Lines for Stereo Reverb
– Programmable Stereo Echo for Microphone
– Spatial Effect/Surround Allows Wide Stereo Image for Strong Sound Presence
• Top Technology
– Synthesizer Chip Set: ATSAM9703 + 32-Mbit ROM + 32K x 8 RAM + DAC or Codec
– Single 9.6 MHz Crystal with Built-in PLL
– 100-lead TQFP Space Saver Package
• Standard Firmware includes Top-quality CleanWave™ Sound Set and Other Sample
Sets under Special Conditions
• Typical Applications: Karaokes, Musical instruments, Battery-operated Instruments
• Pin- and Function-compatible with ATSAM9503, with Additional Features:
– Lower Consumption
– 3.3V Core Supply, 3V to 5.5V Periphery Supply
– Up to 8 Channels Audio-in
Note:
Pin-to-pin replacement for ATSAM9503 requires 3.3V core supply V
C3.
Description
The highly-integrated architecture of the ATSAM9703 device combines a specialized
high-performance RISC digital signal processor and a general-purpose 16-bit CISC
control processor on a single chip. An on-chip memory management unit allows the
digital signal processor and the control processor to share external ROM and RAM
devices. The ROM bus width should be 16 bits, while the SRAM can be selected to be
8 or 16 bits wide. When using an 8-bit SRAM, fast type (static cache) should be
selected as two SRAM cycles will be done in one ROM cycle duration.
Running at 300 million operations per second (MOPS), the digital signal processor
supports high-quality PCM synthesis as well as most important functions like reverb,
chorus, surround effect and equalizer. By adding an additional stereo DAC, four- chan-
nel audio surround can be obtained as well.
Computer Karaoke manufacturers will enjoy the built-in high-quality dual-microphone
echo processing.
Dream
® licenses a 32-Mbit jumper-configurable firmware ROM, CleanWave32™,
which includes high-quality General MIDI-compliant synthesis with many additional
sounds and drumsets. Please refer to the corresponding CleanWave32 datasheet.
Other sample sets are available under special conditions.
More information, including licensing, can be obtained from any Atmel sales office.
Smaller capacity firmware is also available for more cost-sensitive or portable
applications.
Sound
Synthesis
ATSAM9703
Professional
Integrated
Synthesizer
Rev. 1710C–DRMSD–12/02


Similar Part No. - ATSAM9703

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM9708 ATMEL-ATSAM9708 Datasheet
373Kb / 30P
Sound Synthesis
ATSAM9708 ATMEL-ATSAM9708 Datasheet
431Kb / 31P
128-voice Integrated Sound Synthesizer
ATSAM9708 ATMEL-ATSAM9708_06 Datasheet
431Kb / 31P
128-voice Integrated Sound Synthesizer
More results

Similar Description - ATSAM9703

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STSAM9708 ATMEL-STSAM9708 Datasheet
373Kb / 30P
Sound Synthesis
ATSAM2193 ATMEL-ATSAM2193 Datasheet
130Kb / 14P
Sound Synthesis
ATSAM9743 ATMEL-ATSAM9743 Datasheet
156Kb / 21P
Sound Synthesis Single-chip Music System
logo
OKI electronic componet...
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
SAA1099 ETC1-SAA1099 Datasheet
1,014Kb / 15P
MICROPROCESSOR CONTROLLED STEREO SOUND GENERATOR FOR SOUND EFFECTS AND MUSIC SYNTHESIS
logo
ATMEL Corporation
ATSAM2553 ATMEL-ATSAM2553 Datasheet
604Kb / 29P
Sound Synthesis
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com