Electronic Components Datasheet Search
  English  ▼

X  

SFH6721 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SFH6721
Description  High Speed Optocoupler, Single, 5 MBd, in SOIC-8 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6721 Datasheet(HTML) 5 Page - Vishay Siliconix

  SFH6721 Datasheet HTML 1Page - Vishay Siliconix SFH6721 Datasheet HTML 2Page - Vishay Siliconix SFH6721 Datasheet HTML 3Page - Vishay Siliconix SFH6721 Datasheet HTML 4Page - Vishay Siliconix SFH6721 Datasheet HTML 5Page - Vishay Siliconix SFH6721 Datasheet HTML 6Page - Vishay Siliconix SFH6721 Datasheet HTML 7Page - Vishay Siliconix SFH6721 Datasheet HTML 8Page - Vishay Siliconix SFH6721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SFH6720, SFH6721
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 27-Aug-15
5
Document Number: 83684
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Forward Input Voltage vs. Temperature
Fig. 4 - Typical Output Voltage vs. Forward Input Current
Fig. 5 - Typical Supply Current vs. Temperature
Fig. 6 - Typical Output Leakage Current vs. Temperature
Fig. 7 - Typical Low Level Output Current vs. Temperature
Fig. 8 - Typical Low Level Output Voltage vs. Temperature
isfh6720_03
- 60 - 40 - 20
0
20
40
60
80 100
1.45
1.50
1.55
1.60
1.65
1.70
1.75
TA - Temperature (°C)
I
F = 5 mA
isfh6720_04
0
1
2
3
4
5
0.0
0.2
0.4
0.6
0.8
1.0
IF - Input Current (mA)
I
OL = 6.4 mA
I
OH = - 2.6 mA
V
CC = 4.5 V
isfh6720_05
- 60 - 40 - 20
0
20
40
60
80
100
3.2
3.4
3.6
3.8
4.0
4.2
TA - Temperature (°C)
I
CCL
= 15 V
at V
CC
I
CCH
= 15 V &
at V
CC
I
CCL
= 5.5 V
at V
CC
I
CCH
= 5.5 V
at V
CC
isfh6720_06
- 20
0
20
40
60
80
100
TA - Temperature (°C)
400
500
600
700
800
900
1000
1100
- 60 - 40
V
CC = VO = 15 V
V
CC = VO = 5.5 V
isfh6720_07
- 20
0
20
40
60
80
100
TA - Temperature (°C)
20
23
25
28
30
33
35
38
40
- 60 - 40
V
CC = 5 V
I
F = 0 mA
V
OL = 0.6 V
V
OL = 0.4 V
V
OL = 0.8 V
isfh6720_08
- 60 - 40 - 20
0
20
40
60
80 100
TA - Temperature (°C)
0.05
0.10
0.15
0.20
0.25
0.30
I
O = 16 mA
V
CC = 5 V
I
F = 0 mA
I
O = 12.8 mA
I
O = 9.6 mA
I
O = 6.4 mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com