Electronic Components Datasheet Search
  English  ▼

X  

SFH6721 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH6721
Description  High Speed Optocoupler, Single, 5 MBd, in SOIC-8 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6721 Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH6721 Datasheet HTML 1Page - Vishay Siliconix SFH6721 Datasheet HTML 2Page - Vishay Siliconix SFH6721 Datasheet HTML 3Page - Vishay Siliconix SFH6721 Datasheet HTML 4Page - Vishay Siliconix SFH6721 Datasheet HTML 5Page - Vishay Siliconix SFH6721 Datasheet HTML 6Page - Vishay Siliconix SFH6721 Datasheet HTML 7Page - Vishay Siliconix SFH6721 Datasheet HTML 8Page - Vishay Siliconix SFH6721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SFH6720, SFH6721
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 27-Aug-15
3
Document Number: 83684
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) - 40 ° C
 T
amb  85 °C; 4.5 V  VCC  15 V; 1.6 mA  IFon  5 mA; 2  VEH  15 V; 0  VEL  0.8 V; 0 mA  IFoff  0.1 mA.
Typical values: Tamb = 25 °C; VCC = 5 V; IFon = 3 mA unless otherwise specified. 
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Note
(1) 0 °C
 T
amb  85 °C; 4.5 V  VCC  15 V; 1.6 mA  IFon  5 mA; 0 mA  IFoff  0.1 mA
Typical values: Tamb = 25 ° C; VCC = 5 V; IFon = 3 mA unless otherwise specified. A 0.1 μF bypass capacitor connected between pins 5 and
8 must be used.
OUTPUT
Logic low output voltage
IOL = 6.4 mA
VOL
0.5
V
Logic high output voltage
IOH = - 2.6 mA,
VOH = VCC - 1.8 V
VOH
2.4
V
Output leakage current
(VOUT > VCC)
VO = 5.5 V, VCC = 4.5 V,
IF = 5 mA
IOHH
0.5
100
μA
VO = 15 V, VCC = 4.5 V,
IF = 5 mA
IOHH
1500
μA
Logic low supply current
VCC = 5.5 V, IF = 0
ICCL
3.7
6
mA
VCC = 15 V, IF = 0
ICCL
4.1
6.5
mA
Logic high supply current
VCC = 5.5 V, IF = 5 mA
ICCH
3.4
4
mA
VCC = 15 V, IF = 5 mA
ICCH
3.7
5
mA
Logic low short circuit output
current
(output short circuit time
 10 ms)
VO = VCC = 5.5 V, IF = 0
IOSL
25
mA
VO = VCC = 15 V, IF = 0
IOSL
40
mA
Logic high short circuit output
current
(output short circuit time
 10 ms)
VCC = 5.5 V, VO = 0 V,
IF = 5 mA
IOSH
- 10
mA
VCC = 15 V, VO = 0 V, IF = 5 mA
IOSH
-25
mA
Thermal resistance
Rthja
300
K/W
COUPLER
Capacitance (input to output)
f = 1 MHz, pins 1 to 4 and 5 to 8
shorted together
CIO
0.6
pF
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
SWITCHING CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Propagation delay time to logic
low output level
Without peaking capacitor
tPHL
120
ns
With peaking capacitor
tPHL
115
300
ns
Propagation delay time to logic
high output level
Without peaking capacitor
tPLH
125
ns
With peaking capacitor
tPLH
90
300
ns
Output rise time
10 % to 90 %
tr
40
ns
Output fall time
90 % to 10 %
tf
10
ns
isfh6720_00
ICC
VCC
VO
IO
IF
(3)
(2)
GND
Shield
(8)
(7)
(5)
A
K



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com