Electronic Components Datasheet Search
  English  ▼

X  

SFH6721 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SFH6721
Description  High Speed Optocoupler, Single, 5 MBd, in SOIC-8 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6721 Datasheet(HTML) 2 Page - Vishay Siliconix

  SFH6721 Datasheet HTML 1Page - Vishay Siliconix SFH6721 Datasheet HTML 2Page - Vishay Siliconix SFH6721 Datasheet HTML 3Page - Vishay Siliconix SFH6721 Datasheet HTML 4Page - Vishay Siliconix SFH6721 Datasheet HTML 5Page - Vishay Siliconix SFH6721 Datasheet HTML 6Page - Vishay Siliconix SFH6721 Datasheet HTML 7Page - Vishay Siliconix SFH6721 Datasheet HTML 8Page - Vishay Siliconix SFH6721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SFH6720, SFH6721
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 27-Aug-15
2
Document Number: 83684
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
Notes
(1) A 0.1 μF bypass capacitor connected between pins 5 and 8 must be used.
(2) We recommended using a 2.2 mA if to permit at least 20 % CTR degradation guard band.
ABSOLUTE MAXIMUM RATINGS (1) (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
3V
DC forward current
IF
10
mA
Surge forward
tp  1 μs, 300 pulses/s
IFSM
1mA
Power dissipation
Pdiss
20
mW
OUTPUT
Supply voltage
VCC
-0.5 to +15
V
Output voltage
VO
-0.5 to +15
V
Average output current
IO
25
mA
Power dissipation
Pdiss
100
mW
COUPLER
Storage temperature range
Tstg
-55 to +125
°C
Ambient temperature range
Tamb
+ 85
°C
Lead soldering temperature
t = 10 s
Tsld
260
°C
RECOMMENDED OPERATING CONDITIONS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply voltage
VCC
4.5
15
V
Forward input current
IFon
1.6 (2)
5mA
IFoff
0.1
mA
Operating temperature
TA
-40
85
°C
ELECTRICAL CHARACTERISTICS (1)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 5 mA, 25 °C
VF
1.6
1.75
V
VF
1.9
V
Input current hysteresis
VCC = 5 V, IHYS = IFon - IFoff
IHYS
0.1
V
Reverse current
VR = 3 V
IR
0.5
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
60
pF
Thermal resistance
Rthja
700
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com