Electronic Components Datasheet Search
  English  ▼

X  

SFH6721 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SFH6721
Description  High Speed Optocoupler, Single, 5 MBd, in SOIC-8 Package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6721 Datasheet(HTML) 4 Page - Vishay Siliconix

  SFH6721 Datasheet HTML 1Page - Vishay Siliconix SFH6721 Datasheet HTML 2Page - Vishay Siliconix SFH6721 Datasheet HTML 3Page - Vishay Siliconix SFH6721 Datasheet HTML 4Page - Vishay Siliconix SFH6721 Datasheet HTML 5Page - Vishay Siliconix SFH6721 Datasheet HTML 6Page - Vishay Siliconix SFH6721 Datasheet HTML 7Page - Vishay Siliconix SFH6721 Datasheet HTML 8Page - Vishay Siliconix SFH6721 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SFH6720, SFH6721
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 27-Aug-15
4
Document Number: 83684
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Tamb = 25 °C, VCC = 5 V. (2)
(2) CMH is the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic high level (VO > 2 V). CML is
the maximum slew rate of a common mode voltage VCM at which the output voltage remains at logic low level (VO < 0.8 V).
Note
• As per IEC 60747-5-5, § 7.4.3.8.2, this optocoupler is suitable for “safe electrical insulation” only within the safety ratings. Compliance with
the safety ratings shall be ensured by means of protective circuits.
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Permissible Total Power Dissipation vs. Temperature
Fig. 2 - Typical Input Diode Forward Current vs. Forward Voltage
COMMON MODE TRANSIENT IMMUNITY (1)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Logic high common mode
transient immunity (2)
|VCM| = 50 V, IF = 1.6 mA
SFH6720
|CMH|
1000
V/μs
|VCM| = 300 V, IF = 1.6 mA
SFH6721
|CMH|
5000
V/μs
Logic low common mode
transient immunity (2)
|VCM| = 50 V, IF = 0 mA
SFH6720
|CML|
1000
V/μs
|VCM| = 1000 V, IF = 0 mA
SFH6721
|CML|
10 000
V/μs
SAFETY AND INSULATION RATINGS
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Climatic classification
According to IEC 68 part 1
55/100/21
Pollution degree
According to DIN VDE 0109
2
Comparative tracking index
Insulation group IIIa
CTI
175
Maximum rated withstanding isolation voltage
According to UL1577, t = 1 min
VISO
3333
VRMS
Tested withstanding isolation voltage
According to UL1577, t = 1 s
VISO
4000
VRMS
Maximum transient isolation voltage
According to DIN EN 60747-5-5
VIOTM
6000
Vpeak
Maximum repetitive peak isolation voltage
According to DIN EN 60747-5-5
VIORM
560
Vpeak
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
1012
VIO = 500 V, Tamb = 100 °C
RIO
1011
Output safety power
PSO
350
mW
Input safety current
ISI
150
mA
Input safety temperature
TS
165
°C
Creepage distance
SOIC-8
 4mm
Clearance distance
SOIC-8
 4mm
Insulation thickness
DTI
 0.2
mm
isfh6720_01
TA - Temperature (°C)
Emitter
Detector
150
120
100
75
50
25
0
- 60
100
80
60
40
20
0
- 20
- 40
isfh6720_02
VF - Forward Voltage (V)
0.01
0.1
1
10
1.3
1.4
1.5
1.6
1.7



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com