Electronic Components Datasheet Search
  English  ▼

X  

ST25R3910 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 5Page - STMicroelectronics ST25R3910 Datasheet HTML 6Page - STMicroelectronics ST25R3910 Datasheet HTML 7Page - STMicroelectronics ST25R3910 Datasheet HTML 8Page - STMicroelectronics ST25R3910 Datasheet HTML 9Page - STMicroelectronics ST25R3910 Datasheet HTML 10Page - STMicroelectronics ST25R3910 Datasheet HTML 11Page - STMicroelectronics ST25R3910 Datasheet HTML 12Page - STMicroelectronics ST25R3910 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 65 page
background image
DocID029768 Rev 2
9/65
ST25R3910
Functional overview
35
1.1.7
Power supply regulators
Integrated power supply regulators ensure a high power supply rejection ratio for the
complete reader system. If the reader system PSRR has to be improved, the command
Adjust Regulators is sent. As a result of this command, the power supply level of VDD is
measured in maximum load conditions and the regulated voltage reference is set 250 mV
below this measured level to assure a stable regulated supply. The resulting regulated
voltage is stored in a register. It is also possible to define regulated voltage by writing a
configuration register. To decouple any noise sources from different parts of the IC there are
three regulators integrated with separated external blocking capacitors (the regulated
voltage of all of them is the same). One regulator is for the analog blocks,the other is for the
antenna drivers. Logic and digital I/O pads are supplied directly from VDD (negative supply
pin for logic and digital I/O is separated to avoid coupling of logic induced noise in the
substrate).
This block additionally generates a reference voltage for the analog processing
(AGD - analog ground). This voltage also has an associated external buffer capacitor.
1.1.8
POR and Bias
This block provides the bias current and the reference voltages to all other blocks. It also
incorporates a Power on Reset (POR) circuit that provides a reset at power-up and at low
supply voltage levels.
1.1.9
ISO-14443 and NFCIP-1 framing
This block performs framing for receive and transmit according to the selected ISO mode
and bit rate settings.
In reception it takes the demodulated sub-carrier signal from the receiver. It recognizes the
SOF, EOF and data bits, performs parity and CRC check, organizes the received data in
bytes and places them in the FIFO.
During transmit, it operates inversely, it takes bytes from the FIFO, generates parity and
CRC bits, adds SOF and EOF and performs final encoding before passing the modulation
signal to the transmitter.
In Transparent mode, the framing and FIFO are bypassed, the digitized sub-carrier signal
(the receiver output), is directly sent to the SDATAO pin, and the signal applied to the
SDATAI pin is directly used to modulate the transmitter.
1.1.10
FIFO
The ST25R3910 contains a 32-byte FIFO. Depending on the mode, it contains either data
that has been received or data to be transmitted.
1.1.11
Control logic
The control logic contains I/O registers that define operation of device.
1.1.12
SPI
A 4-wire Serial Peripheral Interface (SPI) is used for communication between the external
microcontroller and the ST25R3910.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com