Electronic Components Datasheet Search
  English  ▼

X  

ST25R3910 Datasheet(PDF) 28 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 24Page - STMicroelectronics ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics ST25R3910 Datasheet HTML 29Page - STMicroelectronics ST25R3910 Datasheet HTML 30Page - STMicroelectronics ST25R3910 Datasheet HTML 31Page - STMicroelectronics ST25R3910 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 65 page
background image
Functional overview
ST25R3910
28/65
DocID029768 Rev 2
1.2.11
Operating sequence
At power-up, the ST25R3910 enters the Power-down mode. The content of all registers is
set to the default state.
1.
The microcontroller, after a power-up, should load the ISO Mode Definition Register
and the configuration registers to configure reader operation.
2.
Configure the regulators. It is recommended to use direct command Adjust Regulators
to improve the system PSRR.
3.
When implementing the LC tank tuning, send the direct command Calibrate Antenna.
4.
When using the AM modulation (ISO-14443B for example), set the modulation depth in
the AM Modulation Depth Control Register and send the command Calibrate
Modulation Depth.
5.
The ST25R3910 is now ready to operate.
1.2.12
ISO-14443 reader operation
To begin with, the Ready mode has to be entered by setting the en bit of the Operation
Control Register or by asserting pin EN. In this mode the oscillator is started and the
regulators are enabled. When the oscillator operation is stable an interrupt is sent.
Before sending any command to a tag, the transmitter and receiver have to be enabled by
setting the bits rx_en and tx_en.
If REQA or WUPA have to be sent, this is simply done by sending the appropriate direct
command, otherwise the following sequence has to be followed:
1.
Send the direct command Clear
2.
Define the number of transmitted bytes in the Number of Transmitted Bytes Register 0
and Number of Transmitted Bytes Register 1
3.
Write the bytes to be transmitted in the FIFO
4.
Send the direct command Transmit With CRC or Transmit Without CRC (whichever is
appropriate)
5.
When all the data is transmitted an interrupt is sent to inform the microcontroller that
the transmission is finished (INTR due to end of transmission)
After the transmission is executed, the ST25R3910 receiver automatically starts to observe
the RFI inputs to detect a tag response. The RSSI and AGC (when enabled) start. The
framing block processes the sub-carrier signal from receiver and fills the FIFO with data.
When the reception is finished and all the data is in the FIFO an interrupt is sent to the
microcontroller (INTR due to end of receive), additionally the FIFO Status Register displays
the number of bytes in the FIFO so that the microcontroller can proceed with data download.
In case of an error or bit collision detected during reception, an interrupt with appropriate
flag is sent.
Transmit and Receive when the data packet is longer than FIFO
In case a data packet is longer than FIFO the sequence explained above is modified.
Before transmit the FIFO is filled. During transmit an interrupt is sent when remaining
number of bytes is lower than the water level (IRQ due to FIFO water level). The
microcontroller in turn adds more data in the FIFO. When all the data is transmitted an
interrupt is sent to inform the microcontroller that transmission is finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com