Electronic Components Datasheet Search
  English  ▼

X  

ST25R3910 Datasheet(PDF) 24 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button ST25R3910 Datasheet HTML 20Page - STMicroelectronics ST25R3910 Datasheet HTML 21Page - STMicroelectronics ST25R3910 Datasheet HTML 22Page - STMicroelectronics ST25R3910 Datasheet HTML 23Page - STMicroelectronics ST25R3910 Datasheet HTML 24Page - STMicroelectronics ST25R3910 Datasheet HTML 25Page - STMicroelectronics ST25R3910 Datasheet HTML 26Page - STMicroelectronics ST25R3910 Datasheet HTML 27Page - STMicroelectronics ST25R3910 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 65 page
background image
Functional overview
ST25R3910
24/65
DocID029768 Rev 2
Set Default
This direct command puts the ST25R3910 in the same state as power-up initialization. All
registers are initialized to the default state.
Note:
Results of different calibration and adjust commands are also lost.
This direct command is accepted in all operating modes.
Clear
This direct command stops all current activities (transmission or reception) and clears FIFO.
It also clears collision and interrupt registers. This command has to be sent first in a
sequence preparing a transmission (except in case of direct commands Transmit REQA and
Transmit WUPA).
Transmit commands
All Transmit commands (Transmit With CRC, Transmit Without CRC, Transmit REQA and
Transmit WUPA) are accepted only in case the transmitter is enabled (bit tx_en is set).
010001
Unmask receive data
Received data following this command are normally
processed (this command has priority over internal
mask receive timer)
010010
AD convert
A/D conversion of signal on AD_IN pin is performed,
result is stored in A/D Output Register
010011
Measure RF
RF amplitude is measured, result is stored in A/D
Output Register
010100
Squelch
Performs gain reduction based on the current noise
level.
010101
Clear Squelch
Resumes gain settings in place before sending
Squelch command
010110
Adjust regulators
Adjusts supply regulators according to the current
supply voltage level
010111
Calibrate modulation depth
Starts sequence which activates the TX, measures the
modulation depth and adapts it to comply with the
specified modulation depth
011000
Calibrate antenna
Starts the sequence to adjust parallel capacitances
connected to TRIMx_y pins so that the antenna LC is
in resonance.
011001
Check antenna resonance
Measurement of antenna LC tank resonance to
determine whether calibration is needed.
011010
Clear RSSI
Clears RSSI bits and restarts the measurement
011100
Transparent mode
Enters in Transparent mode
Table 4. Direct commands (continued)
Code
Command
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com