Electronic Components Datasheet Search
  English  ▼

X  

ST25R3910 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST25R3910
Description  AM/PM demodulator
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25R3910 Datasheet(HTML) 1 Page - STMicroelectronics

  ST25R3910 Datasheet HTML 1Page - STMicroelectronics ST25R3910 Datasheet HTML 2Page - STMicroelectronics ST25R3910 Datasheet HTML 3Page - STMicroelectronics ST25R3910 Datasheet HTML 4Page - STMicroelectronics ST25R3910 Datasheet HTML 5Page - STMicroelectronics ST25R3910 Datasheet HTML 6Page - STMicroelectronics ST25R3910 Datasheet HTML 7Page - STMicroelectronics ST25R3910 Datasheet HTML 8Page - STMicroelectronics ST25R3910 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
This is information on a product in full production.
February 2017
DocID029768 Rev 2
1/65
ST25R3910
Mid-range HF reader with 0.7 W supporting AAT
Datasheet
- production data
Features
• Close loop adjustment of ASK modulation for
accurate control of modulation depth in case of
ISO-14443B protocol
• Low power (3.5 μA) NFC target mode
• AM/PM demodulator
• Accurate RF envelope measurement (8-bit A/D
converter)
• High output power at 3.3 V power supply:
– Up to 700 mW in case regulator is
externally shorted
– Up to 500 mW in case of differential output
when antenna trimming is used
– Up to 125 mW in case of single ended
output when antenna trimming is used
• Squelch for gain reduction, to compensate for
noise generated by tag processing
• Automatic Antenna tuning (AAT)
• Transparent mode
• Amplitude and phase measurement
• Supporting 13.56 MHz and 27.12 MHz quartz
oscillator with fast start-up
• Supply voltage range from 2.4 to 3.6 V
• Wide temperature range: -40 ºC to 85 ºC
• Package: 32-pin QFN (5x5mm)
Description
The ST25R3910 is a high performance
13.56 MHz RFID reader, with two differential, low
impedance (1.5 Ohm) antenna drivers.
These drivers are unmatched, allowing the
ST25R3910 to deliver up to eight times the output
power of a standard HF reader IC using the same
power supply voltage, and reducing in half the
power consumption at the same output power.
The ST25R3910 can operate already at 2.4 V,
with a low power operating mode of 5 mA, making
it perfectly suited for portable or battery-powered
applications.
For applications where high power is required the
ST25R3910 can deliver up to 700 mW, thus
avoiding the need for complex external booster
circuitry.
The component count and complexity of the
design is further reduced through automatic
modulation depth adjustment.
The analog front end (AFE) is complemented by a
highly integrated data framing engine for both
ISO-14443 A and B. This includes data rates up
to 848 kbit/s, with all framing and synchronization
tasks on board. This enables to build a complete
HF RFID reader using only a low end MCU.
The ST25R3910 supports reader to tag and Peer
to Peer communication using the NFCIP-1 active
communication mode with a 106 kbps data rate.
Other standard and custom protocols, such as
ISO-15693 or FeliCa™ can be implemented via
transparent mode. The ST25R3910 features a
SPI, which enables bi-directional communication
with the external microcontroller.
The ST25R3910 also features the Automatic
Antenna Tuning (AAT) technology, enabling the
reader to re tune itself to deliver maximum output
at 13.56 MHz, when the surroundings detune the
antenna.
QFN32
www.st.com


Similar Part No. - ST25R3910

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25R3911 STMICROELECTRONICS-ST25R3911 Datasheet
123Kb / 3P
High performance HF reader / NFC initiator with 1 W supporting VHBR and AAT
21-Nov-2016
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
ST25R3911B STMICROELECTRONICS-ST25R3911B Datasheet
1Mb / 116P
High performance HF reader / NFC initiator with 1.4 W supporting VHBR and AAT
Rev 6
ST25R3911B-AQFT STMICROELECTRONICS-ST25R3911B-AQFT Datasheet
2Mb / 129P
Automatic antenna tuning system providing tuning of antenna LC tank
December 2016 Rev 2
ST25R3911B-DISCO STMICROELECTRONICS-ST25R3911B-DISCO Datasheet
537Kb / 5P
Discovery kit for the ST25R3911B high performance HF reader / NFC initiator
26-Jun-2017
More results

Similar Description - ST25R3910

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3845 PHILIPS-TDA3845 Datasheet
137Kb / 18P
Quasi split-sound circuit and AM demodulator
January 1993
logo
Sanyo Semicon Device
LA1826 SANYO-LA1826 Datasheet
331Kb / 16P
AM/FM Tuner with MPX Stereo Demodulator
logo
List of Unclassifed Man...
TDA1046 ETC-TDA1046 Datasheet
128Kb / 8P
AM-Empfangerschaltung mit Demodulator
logo
NXP Semiconductors
TDA3825 PHILIPS-TDA3825 Datasheet
166Kb / 18P
Quasi split-sound circuit and AM demodulator
January 1993
logo
Zarlink Semiconductor I...
SL623 ZARLINK-SL623 Datasheet
69Kb / 4P
AM DETECTOR, AGC AMPLIFIER & SSB DEMODULATOR
logo
TEMIC Semiconductors
U4488B TEMIC-U4488B Datasheet
272Kb / 9P
Quasi-Split Sound Circuit and AM Demodulator
U4454B TEMIC-U4454B Datasheet
107Kb / 7P
Quasi-Split-Sound Processing and AM-Demodulator
U4314B TEMIC-U4314B Datasheet
73Kb / 7P
Logarithmic AM Demodulator/RSSI
logo
Infineon Technologies A...
TDA4001 INFINEON-TDA4001 Datasheet
284Kb / 8P
AM Receiver IC with Demodulator
logo
STMicroelectronics
ST25R3909 STMICROELECTRONICS-ST25R3909 Datasheet
134Kb / 3P
AM/PM demodulator
15-Nov-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com