Electronic Components Datasheet Search
  English  ▼

X  

UTF0035 Datasheet(PDF) 5 Page - Teledyne Technologies Incorporated

Part # UTF0035
Description  Attenuator 50 to 2000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0035 Datasheet(HTML) 5 Page - Teledyne Technologies Incorporated

  UTF0035 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 6Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 7Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 8Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Typical Performance Over Temperature
Key: +25
°C
+85
°C
-55
°C
Phase vs. Control Voltage
Control Voltage, VDC
–4
–5
–3
–2
60
80
40
20
–8
–6
–7
–9
–10
0
–8V
1 GHz
500 MHz
50 MHz
Insertion Loss @ –10 VDC Control
Frequency, GHz
.50
.75
.25
.05
–1
0
–2
–3
1.50
1.00
1.25
1.75 2.00
–4
–5
Attenuation vs. Control Voltage
Control Voltage, VDC
30
40
20
10
0
–2
–3
–1
0–6
–4
–5
–7
–8
–9 –10
Frequency = 1000 MHz
Attenuation vs. Control Voltage
Control Voltage, VDC
30
40
20
10
0
–2
–3
–1
0–6
–4
–5
–7
–8
–9 –10
Frequency = 2000 MHz
Input/Output VSWR
Frequency, GHz
1.75
2.00
1.50
1.25
1.00
.50
.75
.25
.05
1.50
1.00
1.25
1.75
2.00
Attenuation vs. Control Voltage
Control Voltage, VDC
30
40
20
10
0
–2
–3
–1
0–6
–4
–5
–7
–8
–9 –10
Frequency, GHz
.50
.75
.25
.05
1.50
1.00
1.25
1.75
2.00
–5
0
–10
–15
–20
–25
Attenuation
–30
–35
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
–9V
–10V
0V
Frequency = 50 MHz
2 GHz
(@ +15 VDC unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com