Electronic Components Datasheet Search
  English  ▼

X  

UTF0035 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTF0035
Description  Attenuator 50 to 2000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0035 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTF0035 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 6Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 7Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 8Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal)
Symbol
Unit
T
C
= –55 to +85
°C
50-2000
3.0
3.5
20.0
±2.0
±2.0
2.0:1
2.0:1
—
—
—
—
—
MHz
dB
dB
dB
dB
dB
—
—
dBm
µs
Deg/MHz
V/mA
V/mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
50-2000
2.0
2.5
25.5
±0.7
±0.6
1.6:1
1.6:1
+45.0
5
.002/dB
15/45
–10/35
50-2000
2.5
3.0
23.5
±1.5
±1.5
2.0:1
2.0:1
—
—
—
—
—
Characteristic
BW
—
—
—
—
—
IP3
—
—
—
—
Frequency Range
Attenuation
Min. Insert Loss, VC = –10 V
50 to 1000 MHz (Max.)
1000-2000 MHz (Max.)
Max. Attenuation Loss, VC = –2 V
50 to 2000 MHz (Max.)
Gain Flatness (Max.)
Attenuation vs. Voltage Linearity
VC = –2 to –10 V
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Switching Speed
Phase Shift
Supply Voltage/Current
Control Voltage/Current



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com