Electronic Components Datasheet Search
  English  ▼

X  

UTF0035 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # UTF0035
Description  Attenuator 50 to 2000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0035 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  UTF0035 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 6Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 7Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 8Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 9Page - Teledyne Technologies Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Attenuator
50 to 2000 MHz
Technical Data
Description
The UTF-035 is a thin-film voltage-
controlled RF attenuator that
operates from 50 to 2000 MHz.
The RF attenuation will change a
fixed increment of nearly 3 dB per
volt, over the full control voltage
range. Utilizing PIN diodes, device
attenuation vs. voltage linearity is
typically
±0.6 dB flat over the
complete control voltage range.
The UTF-035 is only unique
because the linearizer is housed in
the same single TO-8 package
weighing 2.1 grams.
UTF-035
Pin Configuration
UTF-030, TO-8F
Features
• Frequency Range: 50 to
2000 MHz
• Attenuation Range: 2 to
25 dB (Typ)
• Linearity:
±0.6 dB (Typ)
•5
µs Switching Speed
• Linearizer and Attenuator in
One Package
Applications
• Open and Closed Loop Gain
Control
• AGC Circuits
GROUND
CONTROL
V
RF
IN
+
RF
OUT
TC-1
RF
V +
IN
RFOUT
Maximum Ratings
Parameter
Maximum
Continuous Voltage (V
CC
/V
cont
)
+17/–15 Volts
Continuous RF Input Power (CW or Pulse)
+23 dBm
Operating Case Temperature
–55 to +125
°C
Storage Temperature
–62 to +150
°C
“R” Series Burn-In Temperature
+125
°C
Thermal Characteristics
θ
JC
100
°C/W
Active Transistor Power Dissipation
185/145/190 mW
Junction Temperature Above Case Temperature
18.5/14.5/19.0
°C
Weight:
(typical) 2.1 grams


Similar Part No. - UTF0035

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
Attenuator 100 to 2000 MHz
More results

Similar Description - UTF0035

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAM-007865-0P1R00 MACOM-MAAM-007865-0P1R00 Datasheet
345Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
G30 MACOM-G30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
SMG1 MACOM-SMG1 Datasheet
492Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MACOM-SMG2 Datasheet
471Kb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
logo
M/A-COM Technology Solu...
MAAM-007865-0P1R00 MA-COM-MAAM-007865-0P1R00 Datasheet
216Kb / 6P
Broadband Driver Amplifier 50 to 2000 MHz
SMG1 MA-COM-SMG1 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG2 MA-COM-SMG2 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 5 to 2000 MHz
SMG30 MA-COM-SMG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
Attenuator 100 to 2000 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com