Electronic Components Datasheet Search
  English  ▼

X  

UTF0035 Datasheet(PDF) 6 Page - Teledyne Technologies Incorporated

Part # UTF0035
Description  Attenuator 50 to 2000 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0035 Datasheet(HTML) 6 Page - Teledyne Technologies Incorporated

Back Button UTF0035 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 6Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 7Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 8Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 9Page - Teledyne Technologies Incorporated UTF0035 Datasheet HTML 10Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
SWITCHING SPEED
∆t1
Attenuation Level
V
CONTROL
Volts
NOTE 1:
5 dB Step at Max Attenuation
∆t = 0.7 µs
Step Through Full Attenuation
∆t = 10 µs
ATTENUATION VS. CONTROL VOLTAGE
VCONTROL
Attenuation
Volts
dB
–2.0
27.5
–4.0
20.8
–6.0
14.7
–8.0
8.6
–10.0
2.5
@ +25
°C (Approx. 3 dB/Volt)
APPLICATIONS
RF
OUT
RF
IN
V
CONTROL
V
REF
-V
C
Open
Closed
UTF-035
AGC
DET
IF Amp
+
–
CLOSED OR OPEN LOOP GAIN CONTROL
UTF-035 SIMPLIFIED SCHEMATIC
+15V
OP Amp
V
REF
V
CONTROL
RF
IN
Attenuator
RF
OUT
–2V
to
–10V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com