Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA110V1 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STEVAL-ISA110V1
Description  12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA110V1 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STEVAL-ISA110V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 9Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
STEVAL-ISA110V1
Line/load regulation and output voltage ripple
Doc ID 024123 Rev 1
7/10
Figure 7.
Active mode efficiency vs. VIN
Figure 8.
Input voltage averaged efficiency
vs. load
AM11567v1
60
65
70
75
80
85
90
95
100
80
110
140
170
200
230
260
Vin[V]
AM11568v1
75
77
79
81
83
85
87
89
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9
1
1.1
Iout[A]
Figure 9.
PIN vs. VIN @ no load and light load Figure 10. Efficiency @ PIN = 1 W
AM11570v1
0
25
50
75
100
125
150
175
200
80105
130155
180205
230255
Vin[V]
0
25mW
50mW
AM11571v1
50
55
60
65
70
75
80
85
90
80
110
140
170
200
230260
Vin[V]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com