Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA110V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-ISA110V1
Description  12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA110V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-ISA110V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Adapter features
STEVAL-ISA110V1
2/10
Doc ID 024123 Rev 1
1
Adapter features
The electrical specifications of the demonstration board are listed in Table 1.
Table 1.
Electrical specifications
Symbol
Parameter
Value
VIN
Input voltage range
90 VAC; 265 VAC
VOUT
Output voltage
12 V
IOUT
Max. output current
1 A
∆VOUT_LF
Precision of output regulation
±5%
∆VOUT_HF
High frequency output voltage ripple
50 mV
TAMB
Max. ambient operating temperature
60
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com