Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA110V1 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STEVAL-ISA110V1
Description  12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA110V1 Datasheet(HTML) 5 Page - STMicroelectronics

  STEVAL-ISA110V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STEVAL-ISA110V1
Bill of material
Doc ID 024123 Rev 1
5/10
3
Bill of material
Table 2.
Bill of material (relevant to schematic in Figure 2 )
Reference
Part
Description
Manufacturer
NTC
2.2
Ω NTC
NTC thermistor
EPCOS
F
T2A 250 V
2 A, 250 Vac fuse, TR5 series
Wickmann
C1
10
μF, 400 V NHG series electrolytic capacitor
Panasonic
C2
22
μF, 35 V SMG series electrolytic capacitor
Panasonic
C4
2.2
μF, 63 V electrolytic capacitor
C5
100 nF, 50 V ceramic capacitor
C6
1 nF, 50 V ceramic capacitor
C7
47 nF, 50 V ceramic capacitor
C8
2.2 nF, 50 V ceramic capacitor
C9
Not mounted
C10
1000
μF, 16 V ultra low ESR electrolytic capacitor ZL series
Rubycon
C11
680
μF, 16 V ultra low ESR electrolytic capacitor ZL series
Rubycon
C12
Not mounted
D0
DF06M
1 A - 600 V diode bridge
Vishay
D1
STTH1L06
1 A - 600 V ultrafast diode
ST
D2
Not mounted
D3
STPS3150
3 A-150 V power Schottky (output diode)
ST
D4
1.5KE300A
Transil
ST
D5
Not mounted
D6
1N4148
Small signal diode
Fairchild
R1
Not mounted
R2
Not mounted
R3
47 k
Ω 1% 1/4 W resistor
R4a
15 k
Ω 1% 1/4 W resistor
R4b
2.7 k
Ω 1% 1/4 W resistor
R5
33 k
Ω 1/4 W resistor
R7
3.3 k
Ω 1/4 W resistor
L1
Short-circuit
L2
RFB0807-102
Input filter inductor (L = 1 mH, ISAT = 0.3 A; DCR max. = 3.4 Ω)
Coilcraft
T1
1715.0049
60 kHz switch mode transformer
Magnetica
IC1
VIPER26LN
High-voltage 60 kHz PWM
ST
J1
Not mounted
Jumper
J2
Short-circuit
Jumper



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com