Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA110V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA110V1
Description  12 V/12 W wide-range non-isolated flyback based on the VIPER26LN
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA110V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA110V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-ISA110V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
For further information contact your local STMicroelectronics sales office.
February 2013
Doc ID 024123 Rev 1
1/10
10
STEVAL-ISA110V1
12 V/12 W wide-range non-isolated flyback based on the
VIPER26LN
Data brief
Features
■ Universal input mains range:
– input voltage 90 - 264 VAC
– frequency 45 - 65 Hz
■ Single output voltage: 12 V @ 1 A continuous
operation
■ Standby mains consumption: < 30 mW @ 265
VAC
■ Average efficiency: > 85%
■ Fully protected against faults (overload,
feedback disconnection and overheating)
■ EMI: according to EN55022-Class-B
Description
The STEVAL-ISA110V1 demonstration board is a
12 V-1 A power supply set in non-isolated flyback
topology using the VIPER26LN, a new offline
high-voltage converter by STMicroelectronics.
The features of the device include an 800 V
avalanche-rugged power section, PWM operation
at 60 kHz with frequency jittering for lower EMI,
current limiting with adjustable set point, onboard
soft-start, a safe auto-restart after a fault
condition, and low standby power.
Protection features include thermal shutdown with
hysteresis, delayed overload protection, and open
loop failure protection.
STEVAL-ISA110V1
www.st.com


Similar Part No. - STEVAL-ISA110V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA111V1 STMICROELECTRONICS-STEVAL-ISA111V1 Datasheet
809Kb / 9P
Wide-range single-output demonstration board based on the VIPER26HN
10-Dec-2012
STEVAL-ISA112V1 STMICROELECTRONICS-STEVAL-ISA112V1 Datasheet
2Mb / 14P
Complying with EuP Lot 6 requirements
08-Jan-2013
STEVAL-ISA113V1 STMICROELECTRONICS-STEVAL-ISA113V1 Datasheet
1Mb / 11P
Wide range single-output demonstration board based on the VIPER06HS
10-Jan-2013
STEVAL-ISA114V1 STMICROELECTRONICS-STEVAL-ISA114V1 Datasheet
571Kb / 8P
5 V, 160 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
September 2016 Rev 2
STEVAL-ISA115V1 STMICROELECTRONICS-STEVAL-ISA115V1 Datasheet
119Kb / 4P
12 V, 150 mA non-isolated buck converter using VIPer™ Plus - VIPER06XS
May 2014 Rev 2
More results

Similar Description - STEVAL-ISA110V1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
STMicroelectronics
EVL6564-50WFLB STMICROELECTRONICS-EVL6564-50WFLB Datasheet
201Kb / 6P
50 W wide-range high power factor flyback converter demonstration board based on the L6564
11-Jun-2012
STEVAL-ISA071V1 STMICROELECTRONICS-STEVAL-ISA071V1 Datasheet
84Kb / 4P
4 W non-isolated, wide input-voltage range SMPS demonstration board based on the VIPER16
11-Jun-2010
STEVAL-ISA125V1 STMICROELECTRONICS-STEVAL-ISA125V1 Datasheet
160Kb / 4P
5 V / 10 W, 60 kHz isolated flyback with extra power management based on the VIPer28LN
18-Jun-2013
STEVAL-ISA134V1 STMICROELECTRONICS-STEVAL-ISA134V1 Datasheet
240Kb / 4P
12 V - 4 W, 115 kHz isolated flyback based on the VIPer06
16-Apr-2013
STEVAL-ISA153V1 STMICROELECTRONICS-STEVAL-ISA153V1 Datasheet
267Kb / 4P
12 V, 15 W (20 W peak) isolated flyback converter based on the VIPER38LE
16-May-2014
STEVAL-ISA184V1 STMICROELECTRONICS-STEVAL-ISA184V1 Datasheet
221Kb / 4P
5 V-12 V, 15 W double output isolated flyback converter based on VIPer37LD
13-Dec-2016
STEVAL-ISA197V1 STMICROELECTRONICS-STEVAL-ISA197V1 Datasheet
215Kb / 4P
12 V, 7.8 W isolated flyback converter based on VIPer114LS
June 2017 Rev 1
STEVAL-ISA203V1 STMICROELECTRONICS-STEVAL-ISA203V1 Datasheet
1Mb / 7P
48 V flyback converter 12 V ??5 A based on PM8804
Rev 1 - February 2020
STEVAL-VP12201F STMICROELECTRONICS-STEVAL-VP12201F Datasheet
212Kb / 6P
12 V - 5 W isolated flyback converter based on VIPer122LS
23-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com