Electronic Components Datasheet Search
  English  ▼

X  

SIP41111 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP41111
Description  75 V/2 A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41111 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP41111 Datasheet HTML 2Page - Vishay Siliconix SIP41111 Datasheet HTML 3Page - Vishay Siliconix SIP41111 Datasheet HTML 4Page - Vishay Siliconix SIP41111 Datasheet HTML 5Page - Vishay Siliconix SIP41111 Datasheet HTML 6Page - Vishay Siliconix SIP41111 Datasheet HTML 7Page - Vishay Siliconix SIP41111 Datasheet HTML 8Page - Vishay Siliconix SIP41111 Datasheet HTML 9Page - Vishay Siliconix SIP41111 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 74292
S-61214–Rev. A, 17-Jul-06
Vishay Siliconix
SiP41111
TYPICAL CHARACTERISTICS
Active Clamp Forward Application Circuit
V
HB
HO
HS
LO
V
HI
LI
DD
SS
+ 24 V
+ 12 V
+
SiP41111
PWM Controller
VOUT
GND
+
Operating Current vs. Frequency
HB to Vss Operating Current vs. Frequency
T = - 40 °C
T = 25 °C
T = 150 °C
T = 125 °C
10
1
0.1
10
100
1000
Frequency (kHz)
Frequency (kHz)
10
1
0.01
0.1
10
100
1000
T = - 40 °C
T = 25 °C
T = 150 °C
T = 125 °C
HB Operating Current vs. Frequency
High Level Output Voltage vs. Temperature
1
T = - 40 °C
T = 25 °C
T = 150 °C
T = 125 °C
Frequency (kHz)
10
1
0.01
0.1
10
100
1000
0
100
200
300
400
- 45
- 10
25
60
95
130
Temperature (°C)
VDD = VHB = 13.2 V
VDD = VHB = 12 V
VDD = VHB = 9 V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com