Electronic Components Datasheet Search
  English  ▼

X  

SIP41111 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SIP41111
Description  75 V/2 A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41111 Datasheet(HTML) 1 Page - Vishay Siliconix

  SIP41111 Datasheet HTML 1Page - Vishay Siliconix SIP41111 Datasheet HTML 2Page - Vishay Siliconix SIP41111 Datasheet HTML 3Page - Vishay Siliconix SIP41111 Datasheet HTML 4Page - Vishay Siliconix SIP41111 Datasheet HTML 5Page - Vishay Siliconix SIP41111 Datasheet HTML 6Page - Vishay Siliconix SIP41111 Datasheet HTML 7Page - Vishay Siliconix SIP41111 Datasheet HTML 8Page - Vishay Siliconix SIP41111 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
SiP41111
Document Number: 74292
S-61214–Rev. A, 17-Jul-06
www.vishay.com
1
75 V/2 A Peak, Low Cost, High Frequency Half Bridge Driver
FEATURES
• Drives N-Channel MOSFET Half Bridge
Topology
•
SOIC, SOIC (PowerPAK®) Package Options
•
Lead (Pb)-free Product Available
(RoHS Compliant)
•
Bootstrap Supply Maximum Voltage to 75 VDC
•
Built-In Bootstrap Diode
• Fast Propagation Times Meet High Frequency
Converter Circuits
•
Drives 1000 pF Load with Rise and Fall Times Typical
15 ns to meet 400 kHz typical Switching Requirement
•
Independent Driver Channel for Two Switch Forward and
Active Clamp Forward Topologies
•
Low Power Consumption
•
Supply Under Voltage Lockout
• 2.0 A Peak Sink and Source Gate Driver Current
APPLICATIONS
•
Half Bridge Converter
•
Two-Switch Forward Converters
•
Active Clamp Forward Converters
•
Bus Converters
• Motor Control
DESCRIPTION
SiP41111 is the MOSFET driver, which is designed to sim-
plify the converter design for the topologies, which requires
the high-side switch such as half bridge, two switch forward
and active clamping forward. The high-side and low-side
drivers can be configured to meet different driving require-
ment for these topologies because the high-side and low
side drivers are independent controlled. The built-in boot-
strap diode eliminates the external diode to improve the flex-
ibility PCB layout. The VDD undervoltage lockout prevents
the abnormal operation
.
TYPICAL APPLICATION CIRCUIT
V
HB
HO
HS
LO
V
HI
LI
DD
SS
+ 48 V
+ 12 V
+
SiP41111
PWM Controller
VOUT
GND
+
RoHS
COMPLIANT


Similar Part No. - SIP41111

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP41110 VISHAY-SIP41110 Datasheet
101Kb / 7P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
13-Jun-05
SIP41110 VISHAY-SIP41110 Datasheet
119Kb / 8P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
03-Aug-09
SIP41110DB VISHAY-SIP41110DB Datasheet
101Kb / 7P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
13-Jun-05
SIP41110DY-T1-E3 VISHAY-SIP41110DY-T1-E3 Datasheet
101Kb / 7P
Half-Bridge N-Channel MOSFET Driver for DC/DC Conversion
13-Jun-05
More results

Similar Description - SIP41111

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP2106 INTERSIL-HIP2106 Datasheet
66Kb / 8P
100V/1A Peak, Low Cost, High Frequency Half Bridge Driver
August 1999
HIP2101 INTERSIL-HIP2101 Datasheet
413Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100_04 Datasheet
348Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100 INTERSIL-HIP2100 Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IBT INTERSIL-HIP2100IBT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2101EIBZT INTERSIL-HIP2101EIBZT Datasheet
419Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
HIP2100IBZT INTERSIL-HIP2100IBZT Datasheet
392Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
April 2, 2010
HIP2100IB INTERSIL-HIP2100IB Datasheet
387Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
August 31, 2015
HIP2101IB INTERSIL-HIP2101IB Datasheet
410Kb / 12P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
October 21, 2004
logo
Renesas Technology Corp
HIP2101 RENESAS-HIP2101 Datasheet
673Kb / 13P
100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com