Electronic Components Datasheet Search
  English  ▼

X  

SIP41111 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP41111
Description  75 V/2 A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41111 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP41111 Datasheet HTML 1Page - Vishay Siliconix SIP41111 Datasheet HTML 2Page - Vishay Siliconix SIP41111 Datasheet HTML 3Page - Vishay Siliconix SIP41111 Datasheet HTML 4Page - Vishay Siliconix SIP41111 Datasheet HTML 5Page - Vishay Siliconix SIP41111 Datasheet HTML 6Page - Vishay Siliconix SIP41111 Datasheet HTML 7Page - Vishay Siliconix SIP41111 Datasheet HTML 8Page - Vishay Siliconix SIP41111 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 74292
S-61214–Rev. A, 17-Jul-06
Vishay Siliconix
SiP41111
TIMING DIAGRAMS
ELECTRICAL SPECIFICATIONS V
DD = VHB = 12 V, VSS = VHS = 0 V, no load on LO or HO, unless otherwise specified
Parameter
Symbol
Test Conditions
TJ = 25 °C
Unit
Min
Typ
Max
Lower Turn-Off Propagation
Delay (LI Falling to LO Falling)
tLPHL
-18
-
ns
Upper Turn-Off Propagation
Delay (HI Falling to HO Falling)
tHPHL
-18
-
Lower Turn-On Propagation Delay
(LI Rising to LO Rising)
tLPLH
-23-
Upper Turn-On Propagation Delay
(HI Rising to HO Rising)
tHPLH
-23-
Delay Matching: Lower Turn-On and
Upper Turn-Off
tMON
-5.5
-
Delay Matching: Lower Turn-Off and
Upper Turn-On
tMOFF
-6.5
-
Low-side Output Rise Time
tRCL
CL = 1000 pF
-14-
High-side Output Rise Time
tRCH
-13-
Low-side Output Fall Time
tFCL
-15-
High-side Output Fall Time
tFCH
-15-
Either Output Rise Time
Driving DMOS
tRD
CL = Si7456DP
Ciss = 3100 pF
-27-
Either Output Fall Time
Driving DMOS
tFD
CL = Si7456DP
Ciss = 3100 pF
-30-
Minimum Input Pulse Width
that Changes the Output
tPW
--
65
Bootstrap Diode Turn-On or Turn-Off
Time
tBS
-10-
HI, LI
HO, LO
t HPLH ,t LPLH
t HPHL,t LPHL
t MON
t MOFF
LI
HI
LO
HO



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com