Electronic Components Datasheet Search
  English  ▼

X  

SIP41111 Datasheet(PDF) 8 Page - Vishay Siliconix

Part # SIP41111
Description  75 V/2 A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP41111 Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button SIP41111 Datasheet HTML 2Page - Vishay Siliconix SIP41111 Datasheet HTML 3Page - Vishay Siliconix SIP41111 Datasheet HTML 4Page - Vishay Siliconix SIP41111 Datasheet HTML 5Page - Vishay Siliconix SIP41111 Datasheet HTML 6Page - Vishay Siliconix SIP41111 Datasheet HTML 7Page - Vishay Siliconix SIP41111 Datasheet HTML 8Page - Vishay Siliconix SIP41111 Datasheet HTML 9Page - Vishay Siliconix SIP41111 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.vishay.com
8
Document Number: 74292
S-61214–Rev. A, 17-Jul-06
Vishay Siliconix
SiP41111
TYPICAL CHARACTERISTICS
DETAIL DESCRIPTION
The SiP41111 IC is the high-speed 2 A half bridge MOSFET
drivers, which operating between 9 V to 13.2 V. The drivers
are designed to drive the upper MOSFET switch directly
without any isolation devices for half bridge topology and
other topologies, which require the upper switch MOSFET.
The thermally enhanced PowerPak SOIC package can dissi-
pate more heat to meet the aggressive 400 kHz switching
frequency while driving 1000 pf total gate capacitance
MOSFET with typical 15 ns rise and fall time.
Bootstrap Supply Operation
The power to drive the high-side MOSFET gate comesfrom
the external bootstrap capacitor. This capacitor charges
through built-in diode during the time when the low-side
MOSFET is on (HS is at GND potential), and then provides
the necessary charge to turn on the high-side MOSFET.
Bootstrap Capacitor Selection
The capacitance of bootstrap capacitor should be carefully
selected to avoid the unexpected oscillations at HO pin. The
typical capacitance value for the bootstrap capacitor should
be at least 0.1 uf to 1 uf or at least 20 time of the total gate
capacitance of MOSFET. The energy in the bootstrap capac-
itor should large enough to supply the driving current for the
upper MOSFET during the on time of the upper MOSFET
without significant voltage drop on the bootstrap capacitor.
Low ESR ceramic capacitor is recommended for this applica-
tion.
Built-in Bootstrap Diode
A built-in bootstrap diode eliminates the external discrete
diode to improve flexibility of PCB layout in field application.
The bootstrap diode is connected between Pin VDD and HB.
The diode is used to charge up the external bootstrap capac-
itor while the lower MOSFET is on, and isolated VDD while
the lower MOSFET is off. The voltage rating of the built-in
diode is 89 V. This voltage rating enables the half bridge and
two switch forward design for 48 V input converter and 24 V
input active clamp forward converter. The typical forward
drop out voltage is 1.8 V and the reverse time is 10 ns to
meet 400 kHz-switching requirement.
Under Voltage Lockout Function
The SiP41111 has an internal under-voltage lockout feature
to prevent driving the MOSFET gates when the supply volt-
age (at VDD) is less than the under-voltage lockout specifica-
tion (VDDR). This prevents the output MOSFET from being
turned on without sufficient gate voltage to ensure they are
fully on.
Bootstrap Diode I-V Characteristics
1
-1
1
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2
Forward Voltage (V)
1
-2
1
-3
1
-4
1
-5
1
-6
Quiescent Current vs. Voltage
0
50
100
150
200
250
0
5
10
15
VDD, VHB (V)
I
HB vs VHB
IDD vs VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com