Electronic Components Datasheet Search
  English  ▼

X  

NSC800E Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800E
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800E Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button NSC800E Datasheet HTML 25Page - National Semiconductor (TI) NSC800E Datasheet HTML 26Page - National Semiconductor (TI) NSC800E Datasheet HTML 27Page - National Semiconductor (TI) NSC800E Datasheet HTML 28Page - National Semiconductor (TI) NSC800E Datasheet HTML 29Page - National Semiconductor (TI) NSC800E Datasheet HTML 30Page - National Semiconductor (TI) NSC800E Datasheet HTML 31Page - National Semiconductor (TI) NSC800E Datasheet HTML 32Page - National Semiconductor (TI) NSC800E Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
121 Instruction Set Index (Continued)
Alphabetical
Assembly
Operation
Page
Mnemonic
DI
Disable interrupts
54
DJNZd
Decrement B and jump relative B i 056
EI
Enable interrupts
54
EX (SP)ss
Exchange the location (SP) with register ss
50
EX AFA’F’
Exchange the contents of AF and A’F’
49
EX DEHL
Exchange the contents of DE and HL
49
EXX
Exchange the contents of BC DE and HL with the contents
50
of B’C D’E’ and H’L’ respectively
HALT
Halt (wait for interrupt or reset)
54
IM 0
Set interrupt mode 0
54
IM 1
Set interrupt mode 1
55
IM 2
Set interrupt mode 2
55
IN A(n)
Load Accumulator with input from device (n)
52
IN r(C)
Load register r with input from device (C)
52
INC m1
Increment data in memory location m1
42
INC r
Increment register r
37
INC rr
Increment contents of register pair rr
43
IND
Load location (HL) with input from port (C) decrement HL and B
52
INDR
Load location (HL) with input from port (C) decrement HL and B repeat until B e 054
INI
Load location (HL) with input from port (C) increment HL decrement B
52
INIR
Load location (HL) with input from port (C) increment HL decrement B
53
repeat until B e 0
JP ccnn
Jump to location nn if condition cc is true
55
JP nn
Unconditional jump to location nn
55
JP (ss)
Unconditional jump to location (ss)
55
JR d
Unconditional jump relative to PC a d55
JR kkd
Jump relative to PC a d if kk true
55
LD AI
Load Accumulator with register I contents
32
LD Am2
Load Accumulator from location m2
33
LD AR
Load Accumulator with register R contents
32
LD IA
Load register I with Accumulator contents
32
LD m1 n
Load memory with immediate data n
33
LD m1 r
Load memory from register r
32
LD m2 A
Load memory from Accumulator
33
LD (nn)rr
Load memory location nn with register pair rr
34
LD rm1
Load register r from memory
33
LD rn
Load register with immediate data n
32
LD RA
Load register R from Accumulator
32
LD rd rs
Load destination register rd from source register rs
32
LD rr(nn)
Load register pair rr from memory location nn
35
LD rrnn
Load register pair rr with immediate data nn
34
LD SPss
Load SP from register pair ss
34
LDD
Load location (DE) with location (HL) decrement DE HL and BC
50
LDDR
Load location (DE) with location (HL) decrement DE HL and BC repeat until BC e 051
LDI
Load location (DE) with location (HL) increment DE and HL decrement BC
50
LDIR
Load location (DE) with location (HL) increment DE and HL decrement BC
51
repeat until BC e 0
NEG
Negate Accumulator (2’s complement)
38
NOP
No operation
54
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com