Electronic Components Datasheet Search
  English  ▼

X  

NSC800E Datasheet(PDF) 44 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800E
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800E Datasheet(HTML) 44 Page - National Semiconductor (TI)

Back Button NSC800E Datasheet HTML 40Page - National Semiconductor (TI) NSC800E Datasheet HTML 41Page - National Semiconductor (TI) NSC800E Datasheet HTML 42Page - National Semiconductor (TI) NSC800E Datasheet HTML 43Page - National Semiconductor (TI) NSC800E Datasheet HTML 44Page - National Semiconductor (TI) NSC800E Datasheet HTML 45Page - National Semiconductor (TI) NSC800E Datasheet HTML 46Page - National Semiconductor (TI) NSC800E Datasheet HTML 47Page - National Semiconductor (TI) NSC800E Datasheet HTML 48Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
127 16-Bit Arithmetic (Continued)
DEC
rr
Decrement the contents of the 16-bit register rr
rr
w rr b 1
No flags affected
76543210
DEC BC
00
rp
1011
DEC DE
DEC HL
DEC SP
Timing
M cycles
1
T states
6
Addressing Mode
Register
76
5
4
3210
DEC IX (for NXe0)
11NX 11101
DEC IY (for NXe1)
00
1
0
1011
Timing
M cycles
2
T states
10 (4 6)
Addressing Mode
Register
128 Bit Set Reset and Test
REGISTER
SET
b r
Bit b in register r is set
Rb
w 1
No flags affected
76543210
11001011
11
b
r
Timing
M cycles
2
T states
8 (4 4)
Addressing Mode
BitRegister
RES
b r
Bit b in register r is reset
rb
w 0
No flags affected
76543210
11001011
10
b
r
Timing
M cycles
2
T states
8 (4 4)
Addressing Mode
BitRegister
BIT
b r
Bit b in register r is tested with the result put in the Z flag
Z
w rb
S Undefined
Z Inverse of tested bit
H Set
PV Undefined
N Reset
C NA
76543210
11001011
01
b
r
Timing
M cycles
2
T states
8 (4 4)
Addressing Mode
BitRegister
MEMORY
SET
b m1
Bit b in memory location m1 is set
m1b
w 1
No flags affected
76543210
1
1
0
0
1
0
1
1
SET b (HL)
11
b
1
10
Timing
M cycles
4
T states
15 (4 4 4 3)
Addressing Mode
BitRegister Indirect
76
5
4
3210
SET b (IXad) (for NXe0)
11NX 11101
SET b (IYad) (for NXe1)
11
0
0
1011
d
11
b
110
Timing
M cycles
6
T states
23 (4 4 3 5 4 3)
Addressing Mode
BitIndexed
RES
b m1
Bit b in memory location m1 is reset
m1b
w 0
No flags affected
76543210
1
1
0
0
1
0
1
1
RES b (HL)
1
0b1
1
0
Timing
M cycles
4
T states
15 (4 4 4 3)
Addressing Mode
BitRegister Indirect
76
5
4
3210
RES b (IXad) (for NXe0)
11NX 11101
RES b (IYad) (for NXe1)
11
0
0
1011
d
10
b
1
10
Timing
M cycles
6
T states
23 (4 4 3 5 4 3)
Addressing Mode
BitIndexed
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com