Electronic Components Datasheet Search
  English  ▼

X  

NSC800E Datasheet(PDF) 71 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800E
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800E Datasheet(HTML) 71 Page - National Semiconductor (TI)

Back Button NSC800E Datasheet HTML 67Page - National Semiconductor (TI) NSC800E Datasheet HTML 68Page - National Semiconductor (TI) NSC800E Datasheet HTML 69Page - National Semiconductor (TI) NSC800E Datasheet HTML 70Page - National Semiconductor (TI) NSC800E Datasheet HTML 71Page - National Semiconductor (TI) NSC800E Datasheet HTML 72Page - National Semiconductor (TI) NSC800E Datasheet HTML 73Page - National Semiconductor (TI) NSC800E Datasheet HTML 74Page - National Semiconductor (TI) NSC800E Datasheet HTML 75Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 76 page
background image
130 Data Acquisition System (Continued)
ing When in the power-save mode the system power re-
quirements are decreased by about 50% thus extending
battery life
Communication with the peripheral devices (MM58167 and
ADC0816) is accomplished through the IO ports of the
NSC810A and NSC831 The peripheral devices are not con-
nected to the bus of the NSC800 as they are not directly
compatible with a multiplexed bus structure Therefore ad-
ditional components would be required to place them on the
microprocessor bus Writing data into the MM58167 is per-
formed by first putting the desired data on Port A followed
by selecting the address of the internal register and applying
the chip select through the use of Port B A bit set and clear
operation is performed to emulate a pulse on the bit of Port
B connected to the WR input of the MM58167 For a read
operation the same sequence of operations is performed
except that Port A is set for the input mode of operation and
the RD line is pulsed Similar techniques are used to read
converted data from the AD converter When a conversion
is desired the CPU selects a channel and commands the
ADC0816 to start a conversion When the conversion is
complete the converter will produce an End-of-Conversion
signal which is connected to the RSTA interrupt input of the
NSC800
When operating the system shown consumes about 125
mw When in the power-save mode power consumption is
decreased to about 70 mw If as is likely the system is in
the power-save mode most of the time battery life can be
quite long depending on the amp-hour rating of the batteries
incorporated into the system For example if the battery
pack is rated at 5 amp-hours the system should be able to
operate for about 400-500 hours before a battery charge or
change is required
As shown in the schematic (refer to
Figure 20 ) analog input
IN0 is connected to the battery source In this way the CPU
can monitor its own power source and notify the host that it
needs a battery replacement or charge Since the battery
source shown is a stacked array of 7 NiCads producing
84V the converter input is connected in the middle so that
it can take a reading on two or three of the cells Since
NiCad batteries have a relatively constant voltage output
until very nearly discharged the CPU can sense that the
‘‘knee’’ of the discharge curve has been reached and notify
the host
Typical Timer Output Frequencies
Crystal Frequency
CPU Clock Output
Timer 0 Output
Timer 1 Output
2097152 MHz
1048576 MHz
262144 kHz
32768 kHz
divisor e 4
divisor e 8
3276800 MHz
1638400 MHz
327680 kHz
32768 kHz
divisor e 5
divisor e 10
4194304 MHz
2097152 MHz
262144 kHz
32768 kHz
divisor e 8
divisor e 8
4915200 MHz
2457600 MHz
491520 kHz
32768 kHz
divisor e 5
divisor e 15
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com