Electronic Components Datasheet Search
  English  ▼

X  

NSC800E Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800E
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800E Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button NSC800E Datasheet HTML 68Page - National Semiconductor (TI) NSC800E Datasheet HTML 69Page - National Semiconductor (TI) NSC800E Datasheet HTML 70Page - National Semiconductor (TI) NSC800E Datasheet HTML 71Page - National Semiconductor (TI) NSC800E Datasheet HTML 72Page - National Semiconductor (TI) NSC800E Datasheet HTML 73Page - National Semiconductor (TI) NSC800E Datasheet HTML 74Page - National Semiconductor (TI) NSC800E Datasheet HTML 75Page - National Semiconductor (TI) NSC800E Datasheet HTML 76Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 73 / 76 page
background image
160 Ordering Information
NSC800
XXXX
Aae Aa Reliability Screening
883 e MIL-STD-883 Screening (Note 1)
I e
Industrial Temperature (b40 Cto a85 C)
M e Military Temperature (b55 Cto a125 C)
MIL e Special Temperature (b55 Cto a90 C)
No Designation e Commercial Temperature (0 Cto a70 C)
b
4 e 4 MHz Clock
b
35 e 35 MHz Clock Output
b
3 e 25 MHz Clock Output
b
1 e 1 MHz Clock Output
D e Ceramic Package
N e Plastic Package
E e Ceramic Leadless Chip Carrier (LCC)
V e Plastic Leaded Chip Carrier (PCC)
Note 1
Do not specify a temperature option all parts are screened to military temperature
170 Reliability Information
Gate Count 2750
Transistor Count 11000
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com