Electronic Components Datasheet Search
  English  ▼

X  

PEB4065 Datasheet(PDF) 19 Page - Siemens Semiconductor Group

Part # PEB4065
Description  High Voltage Subscriber Line IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB4065 Datasheet(HTML) 19 Page - Siemens Semiconductor Group

Back Button PEB4065 Datasheet HTML 15Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 16Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 17Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 18Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 19Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 20Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 21Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 22Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 23Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
PEB/F 4065
Electrical Characteristics
Semiconductor Group
19
1998-03-01
68.
Power supply
rejection ratio
V
BAT/Vab
PSRR
CONV,
BB
PD
33
30/28
40
–
–
–
dB
dB
4
300 Hz <
f < 3.4 kHz
V
Supply,AC = 100 mVp
I
ab =30 mA
69.
V
H/Vab
BB
33/30
40
–
dB
70.
V
DD/Vab
CONV,
BB
33
50
–
dB
71.
V
SS/Vab
CONV,
BB
33
50
25
–dB
dB
72. Ringing
voltage
V
RING
RING
67
–
–
Vrms,
diff
8
R
L =1 kΩ
C
L =1 µF
f =66 Hz
V
2W = 1.7 Vrms
73. Ringing
voltage with
extended
V
H
84
–
–
Vrms,
diff
8
V
H =80 V
f =20 Hz
V
2W = 2.2 Vrms
74. Ringing
distortion
THD
RING
–
–
4
%
8
f =66 Hz
V
2W = 1.7 Vrms
Transversal Current Output I
T
75.
Transversal
current ratio
Git
CONV,
BB
33.89
33.98
34.07
dB
4
V
2W = 50 mVrms
f = 1015 Hz
I
ab =20 mA
76.
CONV 33.89
33.98
34.07
dB
I
ab =50 mA
77. Gain flatness
(guaranteed
by design)
dGit
CONV,
BB
– 0.05 –
0.05
dB
–
300 Hz <
f < 3400 Hz
V
2W,AC = 50 mVrms
I
ab =20 mA
78. Gain tracking
(guaranteed
by design)
dGit
CONV – 0.2
–
0.2
dB
–
3 dBm0 >
V
ab >
–20dBm0
f = 1015 Hz
79. Total
harmonic
distortion
V
IT
THD,
I
T
CONV –
0.01
0.3
%
4
V
2W,AC =50 mVrms
f = 1015 Hz
I
ab =15 mA
Table 8
(cont’d)
No. Parameter
Symbol Mode
Limit Values
Unit
Test
Fig.
Test Condition
min.
typ.
max.
PEB/
PEF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com