Electronic Components Datasheet Search
  English  ▼

X  

PEB4065 Datasheet(PDF) 27 Page - Siemens Semiconductor Group

Part # PEB4065
Description  High Voltage Subscriber Line IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB4065 Datasheet(HTML) 27 Page - Siemens Semiconductor Group

Back Button PEB4065 Datasheet HTML 21Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 22Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 23Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 24Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 25Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 26Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 27Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 28Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 29Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
PEB/F 4065
Electrical Characteristics
Semiconductor Group
27
1998-03-01
Test Figure 7
Transversal to Longitudinal Rejection Ratio
Test Figure 8
Ringing
ITS10513
TIP
C1
PEB 4065
BIM
V
SS
V
BAT
V
C2
V
2W
PDN
AGND
V
DD
V
H
V
SS
DD
VV
BAT
H
V
BIM
C
RING
BGND
See Testcond.
25 k
Ω
IL
RR
IT
2W, DC
V
S
R
R
S
V
ab, AC
R
L/2
L/2
R
Long, AC
V
V
2W, AC
T
Ι
Ι
L
ITS10514
TIP
C1
PEB 4065
BIM
V
SS
V
BAT
V
C2
V
2W
PDN
AGND
V
DD
V
H
V
SS
DD
VV
BAT
H
V
BIM
C
RING
BGND
See Testcond.
25 k
Ω
IL
RR
IT
2W
V
S
R
R
S
V
RING
L
R
C
L
T
Ι
Ι
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com