Electronic Components Datasheet Search
  English  ▼

X  

PEB4065 Datasheet(PDF) 28 Page - Siemens Semiconductor Group

Part # PEB4065
Description  High Voltage Subscriber Line IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB4065 Datasheet(HTML) 28 Page - Siemens Semiconductor Group

Back Button PEB4065 Datasheet HTML 21Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 22Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 23Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 24Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 25Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 26Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 27Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 28Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 29Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
PEB/F 4065
Electrical Characteristics
Semiconductor Group
28
1998-03-01
Test Figure 9
Output Resistance in PDNR Mode
Test Figure 10
TIP, RING Overvoltage Pulses
ITS10515
TIP
C1
PEB 4065
BIM
V
SS
V
BAT
V
C2
V
2W
PDN
AGND
V
DD
IL
R
R
IT
V
H
V
SS
DD
VV
BAT
H
V
BIM
C
SS
ΙΙ
H
BAT
Ι
Ι
DD
RING
BGND
PDN
R
V
DD
PDN
See Testcond.
TIP
V
RING
V
V
BAT
Ι
b
a
Ι
V
BAT
T
Ι
Ι
L
ITS10516
TIP
C1
PEB 4065
BIM
V
SS
V
BAT
V
C2
V
2W
PDN
AGND
V
DD
IL
R
R
IT
V
H
V
SS
DD
VV
BAT
H
V
V
BIM
BIM
C
SS
ΙΙ
H
BAT
Ι
Ι
DD
RING
BGND
PDN
R
V
REF
V
DD
PDN
30
Ω
Ω
30
H
V +10 V / 1 ms
+20 V / 1 s
V
H
BAT
V
-10 V / 1 ms
-20 V / 1 s
V
BAT
µ
T
Ι
Ι
L
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com