Electronic Components Datasheet Search
  English  ▼

X  

PEB4065 Datasheet(PDF) 25 Page - Siemens Semiconductor Group

Part # PEB4065
Description  High Voltage Subscriber Line IC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

PEB4065 Datasheet(HTML) 25 Page - Siemens Semiconductor Group

Back Button PEB4065 Datasheet HTML 21Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 22Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 23Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 24Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 25Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 26Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 27Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 28Page - Siemens Semiconductor Group PEB4065 Datasheet HTML 29Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 25 / 29 page
background image
PEB/F 4065
Electrical Characteristics
Semiconductor Group
25
1998-03-01
Test Figure 3
Output Current Limit
Test Figure 4
Receive Gain, Transversal Current Ratio, THD, Noise and Power
Supply Rejection
ITS10509
RING
C1
PEB 4065
BIM
V
SS
V
BAT
V
C2
V
2W
PDN
AGND
V
DD
V
H
V
SS
DD
VV
BAT
H
V
BIM
C
TIP
BGND
See Testcond.
25 k
Ω
a
V
Ι
a, max
b, max
Ι
IL
RR
IT
V
b
T
Ι
Ι
L
a
VV
b
,
: BGND / BAT
V
in PDN, CONV
BGND in BB, RING
ITS10510
TIP
C1
PEB 4065
BIM
V
SS
V
BAT
V
C2
V
2W
PDN
AGND
V
DD
V
H
V
SS
DD
VV
BAT
H
V
BIM
C
RING
BGND
See Testcond.
25 k
Ω
IL
RR
IT
DC and AC
2W, DC
V
V
2W, AC
V
IT, AC
S
R
R
S
L
R
V
ab, AC
r
G =
ab, AC
V
V
2W, AC
IT, AC
V
V
ab, AC
=
G
IT
1000
660
T
Ι
Ι
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com