Electronic Components Datasheet Search
  English  ▼

X  

SD56120C Datasheet(PDF) 7 Page - STMicroelectronics

Part # SD56120C
Description  Excellent thermal stability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120C Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SD56120C Datasheet HTML 3Page - STMicroelectronics SD56120C Datasheet HTML 4Page - STMicroelectronics SD56120C Datasheet HTML 5Page - STMicroelectronics SD56120C Datasheet HTML 6Page - STMicroelectronics SD56120C Datasheet HTML 7Page - STMicroelectronics SD56120C Datasheet HTML 8Page - STMicroelectronics SD56120C Datasheet HTML 9Page - STMicroelectronics SD56120C Datasheet HTML 10Page - STMicroelectronics SD56120C Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SD56120C
Typical performances
Doc ID 15742 Rev 3
7/15
Figure 7.
Power gain vs input power
Figure 8.
Efficiency vs output power
Figure 9.
Power gain vs output power
Figure 10.
Intermodulation distortion vs
output power
01
2
3
4
Pin (W)
12
13
14
15
16
17
18
19
20
Pg (dB)
Vdd = 28 V
Idq = 400 mA
f = 860 MHz
0
20
40
60
80
100
120
140
Pout (W)
0
10
20
30
40
50
60
70
Nd (%)
f = 860 Mhz
Vdd = 28 V
Idq = 400 mA
1
10
100
1000
Pout (W)
10
12
14
16
18
20
22
Gp (dB)
Idq = 200 mA
Idq = 400 mA
Idq = 1 A
Vdd = 28V
f = 860 MHz
Idq = 600 mA
Idq = 800 mA
0
10
20
30
40
50
60
70
80
90
100
110
120
Pout (WPEP)
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
IMD3 (dBt)
f1 = 860 MHz
f2 = 860.1 MHz
Vdd = 28 V
Idq = 400 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com