Electronic Components Datasheet Search
  English  ▼

X  

SD56120C Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD56120C
Description  Excellent thermal stability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120C Datasheet(HTML) 4 Page - STMicroelectronics

  SD56120C Datasheet HTML 1Page - STMicroelectronics SD56120C Datasheet HTML 2Page - STMicroelectronics SD56120C Datasheet HTML 3Page - STMicroelectronics SD56120C Datasheet HTML 4Page - STMicroelectronics SD56120C Datasheet HTML 5Page - STMicroelectronics SD56120C Datasheet HTML 6Page - STMicroelectronics SD56120C Datasheet HTML 7Page - STMicroelectronics SD56120C Datasheet HTML 8Page - STMicroelectronics SD56120C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
SD56120C
4/15
Doc ID 15742 Rev 3
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
Note:
REF. 7194566A
2.2
Dynamic
Note:
1
PEP f1 = 860 MHz
f2 = 860.1 MHz
2
Overdrive test done at wafer sampling only.
Table 4.
Static (per section)
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0 V
IDS = 1 mA
72
V
IDSS
VGS = 0 V
VDS = 28 V
1
µA
IGSS
VGS = 20 V
VDS = 0 V
1
µA
VGS(Q)
VDS = 28 V
ID = 200 mA
3.0
5.0
V
VDS(ON)
VGS = 10 V
ID = 3 A
0.7
0.8
V
GFS
VDS = 10 V
ID = 3 A
3
mho
CISS
VGS = 0 V
VDS = 28 V
f = 1 MHz
82
pF
COSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
48
pF
CRSS
VGS = 0 V
VDS = 28 V
f = 1 MHz
2.8
pF
Table 5.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
VDD = 28 V IDQ = 400 mA f = 860 MHz
100
-
W
GPS
VDD = 28 V IDQ = 400 mA POUT = 100 W f = 860 MHz
14
16
dB
ηD
VDD = 28 V IDQ = 400 mA POUT = 100 W f = 860 MHz
50
60
%
IMD (1)
VDD = 28 V IDQ = 400 mA POUT = 100 W PEP
-28
dBC
Load
mismatch
VDD = 28 V IDQ = 400 mA POUT = 100 W f = 860 MHz
All phase angles
5:1
VSWR
Input
overdrive
(2)
VDD = 28 V IDQ = 400 mA PIN = 10 W f = 860 MHz
Must survive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com