Electronic Components Datasheet Search
  English  ▼

X  

SD56120C Datasheet(PDF) 10 Page - STMicroelectronics

Part # SD56120C
Description  Excellent thermal stability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120C Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SD56120C Datasheet HTML 6Page - STMicroelectronics SD56120C Datasheet HTML 7Page - STMicroelectronics SD56120C Datasheet HTML 8Page - STMicroelectronics SD56120C Datasheet HTML 9Page - STMicroelectronics SD56120C Datasheet HTML 10Page - STMicroelectronics SD56120C Datasheet HTML 11Page - STMicroelectronics SD56120C Datasheet HTML 12Page - STMicroelectronics SD56120C Datasheet HTML 13Page - STMicroelectronics SD56120C Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Test circuit
SD56120C
10/15
Doc ID 15742 Rev 3
Table 7.
860 MHz test circuit component part list
Component
Description
C32
0.6 - 4.5 pF variable capacitor
C31, C28
0.01 µF ATC 200B surface-mount ceramic chip capacitor
C29, C30
62 pF ATC 100B surface-mount ceramic chip capacitor
C27, C22
270 pF ATC 100B surface-mount ceramic chip capacitor
C26, C21
1200 pF ATC 700B surface-mount ceramic chip capacitor
C25 ,C20
0.1 µF 500V surface-mount ceramic chip capacitor
C24, C19, C17, C16 10 µF 50V aluminum electrolytic radial lead surface-mount capacitor
C23, C18
100 µF 63V aluminum electrolytic radial lead capacitor
C15, C14, C13, C12 47 pF ATC 100B surface-mount ceramic chip capacitor
C11
0.8 - 8 pF Gigatrim variable capacitor
C10
3.0 pF ATC 100B surface-mount ceramic chip capacitoR
C9, C8
4.3 pF ATC 100B surface-mount ceramic chip capacitor
C7, C6, C5
10 pF ATC 100B surface-mount ceramic chip capacitor
C4
2.0 pF ATC 100B surface-mount ceramic chip capacitor
C3, C2
20 pF ATC 100B surface-mount ceramic chip capacitor
C1
1.3 pF ATC 100B surface-mount ceramic chip capacitor
R7, R8
100 Ohm 1/4 W surface-mount chip resistor
R6, R3
22 Ohm 1/4 W carbon leaded resistor
R5, R2
4.7 Ohm 1/4 W carbon leaded resistor
R4, R1
82 Ohm 1/4 W carbon leaded resistor
B2, B1
Balun, 50 Ohm Sucoform, OD 0.141 2.37 LG coaxial cable or equivalent
L2, L1
Inductor, 6 Turn Air-wound #18AWG ID=0.130[3,30] magnet wire
FB2, FB1
Surface-mount EMI shield bead
PCB
Ultralam 2000. 0.030” thk
εr = 2.55, 2 Oz ED Cu both sides



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com