Electronic Components Datasheet Search
  English  ▼

X  

SD56120C Datasheet(PDF) 1 Page - STMicroelectronics

Part # SD56120C
Description  Excellent thermal stability
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD56120C Datasheet(HTML) 1 Page - STMicroelectronics

  SD56120C Datasheet HTML 1Page - STMicroelectronics SD56120C Datasheet HTML 2Page - STMicroelectronics SD56120C Datasheet HTML 3Page - STMicroelectronics SD56120C Datasheet HTML 4Page - STMicroelectronics SD56120C Datasheet HTML 5Page - STMicroelectronics SD56120C Datasheet HTML 6Page - STMicroelectronics SD56120C Datasheet HTML 7Page - STMicroelectronics SD56120C Datasheet HTML 8Page - STMicroelectronics SD56120C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2009
Doc ID 15742 Rev 3
1/15
15
SD56120C
RF power transistor, the LdmoST family
Features
■ Excellent thermal stability
■ Common source configuration Push-pull
■ POUT = 100 W with 14 dB gain @ 860 MHz
■ BeO-free package
Description
The SD56120C is a common source N-Channel
enhancement-mode lateral Field-Effect RF power
transistor designed for broadband commercial
and industrial applications at frequencies up to
1.0 GHz. The SD56120C is designed for high
gain and broadband performance operating in
common source mode at 28 V. It is ideal for
broadcast applications from 470 to 860 MHz
requiring high linearity.
Figure 1.
Pin connections
M246
Epoxy sealed
1-2 Drain
4-5 Gate
3 Source
12
4
5
Table 1.
Device summary
Order code
Package
Branding
SD56120C
M246
SD56120
www.st.com


Similar Part No. - SD56120C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
43Kb / 4P
RF POWER TRANSISTORS RF POWER TRANSISTORS
Nov-1999
logo
List of Unclassifed Man...
SD56120 ETC1-SD56120 Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120 Datasheet
311Kb / 15P
RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
13-Jul-2006
SD56120M STMICROELECTRONICS-SD56120M Datasheet
201Kb / 8P
RF POWER TRANSISTORS The LdmoST FAMILY
11-Mar-2003
logo
List of Unclassifed Man...
SD56120M ETC1-SD56120M Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - SD56120C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LET9180 STMICROELECTRONICS-LET9180 Datasheet
314Kb / 10P
Excellent thermal stability
29-May-2013
STAC150V2-350E STMICROELECTRONICS-STAC150V2-350E Datasheet
521Kb / 12P
Excellent thermal stability
24-Jan-2013
LET9070CB STMICROELECTRONICS-LET9070CB Datasheet
725Kb / 14P
Excellent thermal stability
July 2013 Rev 2
LET16060C STMICROELECTRONICS-LET16060C Datasheet
280Kb / 9P
Excellent thermal stability
April 2014 Rev 3
PD84006-E STMICROELECTRONICS-PD84006-E Datasheet
214Kb / 11P
Excellent thermal stability
23-May-2012
STAC2942F STMICROELECTRONICS-STAC2942F Datasheet
533Kb / 16P
Excellent thermal stability
25-Oct-2011
STAC2943 STMICROELECTRONICS-STAC2943 Datasheet
350Kb / 12P
Excellent thermal stability
16-Jan-2012
STAC3933 STMICROELECTRONICS-STAC3933 Datasheet
290Kb / 14P
Excellent thermal stability
17-Jan-2012
STAC4932B STMICROELECTRONICS-STAC4932B Datasheet
508Kb / 13P
Excellent thermal stability
27-Jan-2014
STAC4932F STMICROELECTRONICS-STAC4932F Datasheet
330Kb / 12P
Excellent thermal stability
02-Sep-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com