Electronic Components Datasheet Search
  English  ▼

X  

STP6N80K5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP6N80K5
Description  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6N80K5 Datasheet(HTML) 1 Page - STMicroelectronics

  STP6N80K5 Datasheet HTML 1Page - STMicroelectronics STP6N80K5 Datasheet HTML 2Page - STMicroelectronics STP6N80K5 Datasheet HTML 3Page - STMicroelectronics STP6N80K5 Datasheet HTML 4Page - STMicroelectronics STP6N80K5 Datasheet HTML 5Page - STMicroelectronics STP6N80K5 Datasheet HTML 6Page - STMicroelectronics STP6N80K5 Datasheet HTML 7Page - STMicroelectronics STP6N80K5 Datasheet HTML 8Page - STMicroelectronics STP6N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
March 2015
DocID024661 Rev 3
1/26
STB6N80K5, STD6N80K5,
STI6N80K5, STP6N80K5
N-channel 800 V, 1.3
Ω typ., 4.5 A MDmesh™ K5
Power MOSFETs in D²PAK, DPAK, I²PAK and TO-220 packages
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Industry’s lowest RDS(on)
• Industry’s best figure of merit (FoM)
• Ultra low gate charge
• 100% avalanche tested
• Zener-protected
Applications
• Switching applications
Description
These very high voltage N-channel Power
MOSFETs are designed using MDmesh™ K5
technology based on an innovative proprietary
vertical structure. The result is a dramatic
reduction in on-resistance and ultra-low gate
charge for applications requiring superior power
density and high efficiency.
TO-220
1
2
3
TAB
D2PAK
1
3
DPAK
1
2
3
I2PAK
TAB
TAB
1
3
TAB
D(2, TAB)
G(1)
S(3)
AM01476v1
Order codes
VDS
RDS(on)max
ID
PTOT
STB6N80K5
800 V
1.6
Ω
4.5 A
85 W
STD6N80K5
STI6N80K5
STP6N80K5
Table 1. Device summary
Order code
Marking
Package
Packaging
STB6N80K5
6N80K5
D2PAK
Tape and reel
STD6N80K5
DPAK
STI6N80K5
I2PAK
Tube
STP6N80K5
TO-220
www.st.com


Similar Part No. - STP6N80K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP6N80K5 ISC-STP6N80K5 Datasheet
339Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP6N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7LN80K5 STMICROELECTRONICS-STU7LN80K5 Datasheet
406Kb / 12P
Zener-protected
08-Jan-2016
STU6N90K5 STMICROELECTRONICS-STU6N90K5 Datasheet
704Kb / 12P
Zener-protected
November 2016 Rev 1
STW7N90K5 STMICROELECTRONICS-STW7N90K5 Datasheet
736Kb / 12P
Zener-protected
October 2016 Rev 1
STW20N90K5 STMICROELECTRONICS-STW20N90K5 Datasheet
695Kb / 12P
Zener-protected
December 2016 Rev 2
STB8N90K5 STMICROELECTRONICS-STB8N90K5 Datasheet
894Kb / 15P
Zener-protected
28-Nov-2016
STD12N50M2 STMICROELECTRONICS-STD12N50M2 Datasheet
754Kb / 16P
Zener-protected
09-Dec-2014
STF16N65M2 STMICROELECTRONICS-STF16N65M2 Datasheet
786Kb / 13P
Zener-protected
October 2014 Rev 1
STD7N80K5 STMICROELECTRONICS-STD7N80K5 Datasheet
1,009Kb / 21P
Zener-protected
09-Oct-2013
STL12N65M2 STMICROELECTRONICS-STL12N65M2 Datasheet
472Kb / 15P
Zener-protected
11-May-2015
STW40N95K5 STMICROELECTRONICS-STW40N95K5 Datasheet
767Kb / 13P
Zener-protected
14-Nov-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com