Electronic Components Datasheet Search
  English  ▼

X  

STP6N80K5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP6N80K5
Description  Zener-protected
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP6N80K5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP6N80K5 Datasheet HTML 10Page - STMicroelectronics STP6N80K5 Datasheet HTML 11Page - STMicroelectronics STP6N80K5 Datasheet HTML 12Page - STMicroelectronics STP6N80K5 Datasheet HTML 13Page - STMicroelectronics STP6N80K5 Datasheet HTML 14Page - STMicroelectronics STP6N80K5 Datasheet HTML 15Page - STMicroelectronics STP6N80K5 Datasheet HTML 16Page - STMicroelectronics STP6N80K5 Datasheet HTML 17Page - STMicroelectronics STP6N80K5 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Package information
STB6N80K5, STD6N80K5, STI6N80K5, STP6N80K5
14/26
DocID024661 Rev 3
Table 10. DPAK (TO-252) type A2 mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
b0.64
0.90
b4
5.20
5.40
c0.45
0.60
c2
0.48
0.60
D6.00
6.20
D1
4.95
5.10
5.25
E6.40
6.60
E1
5.10
5.20
5.30
e
2.162.282.40
e1
4.40
4.60
H
9.35
10.10
L1.00
1.50
L1
2.60
2.80
3.00
L2
0.65
0.80
0.95
L4
0.60
1.00
R0.20
V2
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com