Electronic Components Datasheet Search
  English  ▼

X  

HAL856 Datasheet(PDF) 27 Page - Micronas

Part # HAL856
Description  Programmer Board
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 27 Page - Micronas

Back Button HAL856 Datasheet HTML 23Page - Micronas HAL856 Datasheet HTML 24Page - Micronas HAL856 Datasheet HTML 25Page - Micronas HAL856 Datasheet HTML 26Page - Micronas HAL856 Datasheet HTML 27Page - Micronas HAL856 Datasheet HTML 28Page - Micronas HAL856 Datasheet HTML 29Page - Micronas HAL856 Datasheet HTML 30Page - Micronas HAL856 Datasheet HTML 31Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
APPLICATION NOTE
HAL8xy, HAL100x
Programmer Board
Micronas
Sept. 19, 2013; APN000046_03EN
27
MODE
– The register range is from 0 up to 63 and contains the settings for FILTER and
RANGE:
Please refer to the data sheet for the available FILTER and RANGE values.
ADC-READOUT
– This register is read only.
– The register range is from
8192 up to 8191.
DEACTIVATE
– This register can only be written.
– The register has to be written with 2063 decimal (80F hexadecimal) for the deactiva-
tion.
– The sensor can be reset with an Activate pulse on the output pin or by switching off
and on the supply voltage.
Note: The register information of the HAL810 is slightly different. However, it is quite
easy to transform voltage values (HAL8x5/HAL817) into output duty cycle
(HAL810) by multiplication with
For detailed register information of the HAL810, please refer to the data sheet.
MODE
FILTER 8
RANGE
+
=
100%
5V
--------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com